Electronic Components Datasheet Search
  English  ▼

X  

XR2206CP Datasheet(PDF) 9 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 9 Page - Exar Corporation

Back Button XR2206CP Datasheet HTML 5Page - Exar Corporation XR2206CP Datasheet HTML 6Page - Exar Corporation XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation XR2206CP Datasheet HTML 10Page - Exar Corporation XR2206CP Datasheet HTML 11Page - Exar Corporation XR2206CP Datasheet HTML 12Page - Exar Corporation XR2206CP Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
XR-2206
9
Rev. 1.03
0
Figure 12. Circuit for Sine Wave Generation with Minimum Harmonic Distortion.
(R3 Determines Output Swing - See Figure 3)
Figure 13. Sinusoidal FSK Generator
Symmetry Adjust
25K
RB
1
5
6
7
8
9
11
3
2
13
14
15
16
4
112
XR-2206
1
mF
C
1K
R1
2M
F =
S1
Triangle Or
Sine Wave Output
Square Wave
Output
RA
500
10K
5.1K
5.1K
10
mF
R3
50K
1
mF
R
Mult.
And
Sine
Shaper
Current
Switches
VCC
VCC
VCO
+
+
+1
VCC
1
5
6
7
8
9
11
3
2
13
14
15
16
4
10 12
XR-2206
1
mF
VCC
C
FSK Input
R1
R2
<1V
>2V
F1
F2
F1=1/R1C
200
5.1K
5.1K
10
mF
1
mF
R3
50K
F2=1/R2C
VCC
Mult.
And
Sine
Shaper
VCO
+
+
+1
Current
Switches
S1 Closed For Sinewave
1
RC
FSK Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com