Electronic Components Datasheet Search
  English  ▼

X  

XR2206CP Datasheet(PDF) 11 Page - Exar Corporation

Part # XR2206CP
Description  Monolithic Function Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR2206CP Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR2206CP Datasheet HTML 7Page - Exar Corporation XR2206CP Datasheet HTML 8Page - Exar Corporation XR2206CP Datasheet HTML 9Page - Exar Corporation XR2206CP Datasheet HTML 10Page - Exar Corporation XR2206CP Datasheet HTML 11Page - Exar Corporation XR2206CP Datasheet HTML 12Page - Exar Corporation XR2206CP Datasheet HTML 13Page - Exar Corporation XR2206CP Datasheet HTML 14Page - Exar Corporation XR2206CP Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
XR-2206
11
Rev. 1.03
With External Adjustment:
The harmonic content of sinusoidal output can be
reduced to -0.5% by additional adjustments as shown in
Figure 12.
The
potentiometer,
RA,
adjusts
the
sine-shaping
resistor,
and
RB provides the fine
adjustment for the waveform symmetry. The adjustment
procedure is as follows:
1.
Set RB at midpoint and adjust RA for minimum
distortion.
2.
With RA set as above, adjust RB to further reduce
distortion.
Triangle Wave Generation
The circuits of
Figure 11 and Figure 12 can be converted
to triangle wave generation, by simply open-circuiting Pin
13 and 14 (i.e., S1 open). Amplitude of the triangle is
approximately twice the sine wave output.
FSK Generation
Figure 13 shows the circuit connection for sinusoidal FSK
signal operation. Mark and space frequencies can be
independently adjusted by the choice of timing resistors,
R1 and R2; the output is phase-continuous during
transitions. The keying signal is applied to Pin 9. The
circuit can be converted to split-supply operation by
simply replacing ground with V-.
Pulse and Ramp Generation
Figure 14 shows the circuit for pulse and ramp waveform
generation. In this mode of operation, the FSK keying
terminal (Pin 9) is shorted to the square-wave output (Pin
11), and the circuit automatically frequency-shift keys
itself between two separate frequencies during the
positive-going and negative-going output waveforms.
The pulse width and duty cycle can be adjusted from 1%
to 99% by the choice of R1 and R2. The values of R1 and
R2 should be in the range of 1kW to 2MW.
PRINCIPLES OF OPERATION
Description of Controls
Frequency of Operation:
The frequency of oscillation, fo, is determined by the
external timing capacitor, C, across Pin 5 and 6, and by
the timing resistor, R, connected to either Pin 7 or 8. The
frequency is given as:
f
0
+ 1
RC
Hz
and can be adjusted by varying either R or C. The
recommended values of R, for a given frequency range,
as shown in
Figure 5. Temperature stability is optimum
for 4k
W < R < 200kW. Recommended values of C are from
1000pF to 100
mF.
Frequency Sweep and Modulation:
Frequency of oscillation is proportional to the total timing
current, IT, drawn from Pin 7 or 8:
f
+
320
I
T (mA)
C(
mF)
Hz
Timing terminals (Pin 7 or 8) are low-impedance points,
and are internally biased at +3V, with respect to Pin 12.
Frequency varies linearly with IT, over a wide range of
current values, from 1
mA to 3mA. The frequency can be
controlled by applying a control voltage, VC, to the
activated timing pin as shown in
Figure 10. The frequency
of oscillation is related to VC as:
f
+ 1
RC
1
) R
R
C
1
–
V
C
3
Hz
where VC is in volts. The voltage-to-frequency conversion
gain, K, is given as:
K
+ f V
C + –
0.32
R
CC
Hz V
CAUTION: For safety operation of the circuit, IT should be
limited to
 3mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com