Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 5Page - Sipex Corporation SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
SP6122
VCC
FFLAG
VOUT
ENABLE
PDRV
GND
ISET
ISENSE
FFLAG
VOUT
RS
1.00k
DS
STPS2L25U
Q1
ENABLE
CIN
47µF
Ceramic
VIN
+3.3V
2.2µH
+1.9V
®
®
1
2
3
J1
CEN
4.7nF
GND
L1
COUT
470µF
+
R1
6.5k
R2
12.5k
+ C1
4.7µF
Ceramic
1
2
3
4
8
7
6
5
VOUT
PMOS
PDS6375
Figure 1. SP6122 Evaluation Board Application Schematic
As an SP6122 application example, we will
use the circuit from the SP6122 Evaluation
Board Manual. This evaluation board uses
the Sipex SP6122ACU, 1.25V adjustable
PFET controller to realize a 3.3V to 1.9V
step down converter. The board is opti-
mized for 1A – 4A operation and has an
R
DS(ON) over current trip threshold of about
7A. The body of the applications section
contains:
• Data for the Evaluation Board
• Guidelines for Component Selection
• Features and Protection
• Layout Guidelines
• Introduction to the “Buck Cad Calculator”
Spreadsheet
Data For Evaluation Board
The SP6122 is engineered for size and mini-
mum pin count, yet has a very accurate 2.0%
reference over line, load and temperature.
Figure 2 data shows a typical SP6122 Evalu-
ation Board Efficiency plot, with efficiencies to
88% and output currents to 4A. Load Regula-
tion plot in Figure 3 shows an essentially flat
response of only 3mV change for up to 4A
load. Figure 4 Line Regulation illustrates a
1.90V output that varies only 4mV or 0.2% for
an input voltage change from 3.0V to 5.5V.
While data on individual power supply boards
may vary, the capability of the SP6122 of
achieving high accuracy over load and line
shown here is quite impressive and desirable
for accurate power supply design.
83
84
85
86
87
88
89
012
345
ILOAD (A)
Figure 2. SP6122 Efficiency with V
IN = 3.3V,
V
OUT = 1.9V.
APPLICATION INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com