Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
Again, for that same 2.2µH application, IPEAK
= 4.6A. Therefore, a 2.2µH inductor with at
least a 5A rating would be desired.
The type of core material to use must also
be determined. For low cost, powdered iron
cores can be used, and they have a gradual
saturation characteristic, but they can cause
ac core loss when the inductor value is low
and ripple current is high. Ferrite cores, on
the other hand, have an abrupt saturation
characteristic and the inductor value drops
sharply when the peak design current is
exceeded. But, ferrites are preferred for
high switching frequencies because they
have low core losses as long as the satura-
tion current is avoided.
Table 1 lists examples of both shielded and
unshielded ferrite core inductors for applica-
tions appropriate for SP6122 applications from
2A to 5A output current. The inductors listed
are both shielded and unshielded, the cus-
tomer can decide what is needed for their
application. For the SP6122 Evaluation Board,
the unshielded ferrite inductor 2.2µH Coilcraft
DO3316P-222 was selected for its cost/per-
formance features.
INDUCTORS - SURFACE MOUNT Note: Components highlighted in bold are those used on the SP6122 Evaluation Board.
INDUCTOR SPECIFICATION
Inductance
Manufacturer/
Series R
Isat
Size LxWxH
Manufacturer
(µH)
Part No.
(Ω)
(A)
(mm)
Inductor Type
Website
1.5
Coilcraft DO3316P-152
0.010
8.0
12.9x9.4x5.0
Unshielded Ferrite Core
www.coilcraft.com
2.2
Coilcraft DO3316P-222
0.012
7.0
12.9x9.4x5.0
Unshielded Ferrite Core
www.coilcraft.com
3.3
Coilcraft DO3316P-332
0.015
6.4
12.9x9.4x5.0
Unshielded Ferrite Core
www.coilcraft.com
1.5
Sumida CDRH104R-1R5
0.006
10.0
10x10x3.8
Shielded Ferrite Core
www.sumida.com
2.5
Sumida CDRH104R-2R5
0.008
7.5
10x10x3.8
Shielded Ferrite Core
www.sumida.com
3.8
Sumida CDRH104R-3R8
0.010
6.0
10x10x3.8
Shielded Ferrite Core
www.sumida.com
1.5
Murata LQN6C1R5M04
0.019
3.7
5.0x5.7x4.7
Unshielded Ferrite Core
www.murata.com
2.2
Murata LQN6C2R2M04
0.024
3.2
5.0x5.7x4.7
Unshielded Ferrite Core
www.murata.com
3.3
Murata LQN6C3R3M04
0.029
2.7
5.0x5.7x4.7
Unshielded Ferrite Core
www.murata.com
CAPACITORS - SURFACE MOUNT & THROUGH HOLE Note: Components highlighted in bold are those used on the SP6122 Evaluation Board.
CAPACITOR SPECIFICATION
Capacitance
Manufacturer/
ESR
Ripple Current
Size LxWxH
Voltage
Capacitor
Manufacturer
(µF)
Part No.
Ω (max)
(A) @ 25°C
(mm)
(V)
Type
Website
470
SANYO 6TPB470M
0.035
3.0
7343H
10.0
SMT Tant.
www.sanyovideo.com
47
TDK C4532X5R0J476M
0.005
4.0
1812
6.3
SMT X5R Cer.
www.tdk.com
4.7
TDK C3216X5R1C475M
0.020
4.0
1206
10.0 SMT X5R Cer.
www.tdk.com
100
SANYO 16SA100M
0.030
2.7
8Dx10L
16.0Thru-hole OS-CON www.sanyovideo.com
PMOS SWITCH - SURFACE MOUNT Note: Components highlighted in bold are those used on the SP6122 Evaluation Board.
PMOS SPECIFICATION
RDS(ON)
Gate Charge
Crss
Id (max)
Package
Manufacturer
Manufacturer/Part No.
Ω @ 3.3V
nc @ 3.3V
(pF)
(A)
Type
Website
Fairchild PDS6375
0.022
15
300
8
SO-8
www.fairchildsemi.com
Siliconix SI4463DY
0.015
34
800
10
SO-8
www.siliconix.com
Intersil ITF86172SK8T
0.023
17
400
8
SO-8
www.intersil.com
SCHOTTKY DIODE - SURFACE MOUNT Note: Components highlighted in bold are those used on the SP6122 Evaluation Board.
DIODE SPECIFICATION
VF @ IF
IF(AV)
Size LxWxH
Reverse V
Package
Manufacturer
Manufacturer/Part No.
(V)
(A)
(mm)
(V)
Type
Website
STMicro STPS2L25U
0.50
4.0
5.5x3.9x2.5
25
SMB
www.st.com
On-Semi MBRD835L
0.50
8.0
9.4x6.7x2.3
35
DPAK
www.onsemi.com
Table 1: SP6122 Component Selection
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com