Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 6Page - Sipex Corporation SP6122 Datasheet HTML 7Page - Sipex Corporation SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
Guidelines for Component Selection
GENERAL
The SP6122 is a minimum on-time PFM
controller. This means there is no error amp
controlling the loop. Although an internal
algorithm adjusts the on-time approximate
the performance of a fixed frequency con-
troller, the loop control is generated by
looking at OUTPUT RIPPLE. The peak to
peak value of this output ripple must be no
less than 2% of the DC output voltage in
order to maintain reasonable fixed frequency
operation. In addition, as with all PFM con-
trollers, board layout is critical and careful
attention must be paid to minimize paths
that can generate noise. Fortunately, the
SP6122 is designed for simplicity and minimal
external components, making it easy to de-
sign small, quiet power converters up to 12W.
INDUCTOR SELECTION
In a SP6122 application, the main factors
for choosing an inductor are likely to be
cost, size, saturation current and efficiency.
If you use low inductor values, you get the
smallest size, but you may cause larger
ripple currents and poor efficiency and re-
quire more output capacitance to smooth
the output ripple. Increasing the inductor
value will decrease the output voltage ripple
but degrade the transient response. For a
good compromise between size, losses and
cost, set the inductor ripple current between
20% to 40% of the maximum output current.
The inductor operating point and switching
frequency determine the inductor value as
seen in the following expression:
L = (VOUT + VDIODE)*(VIN – VOUT)/
((VIN + VDIODE)*( FS KR IOUT(max)))
Where FS = switching frequency (see Soft
Start Frequency Specification)
KR = ratio of the ac inductor ripple current to
the maximum output current
VDIODE = forward Schottky diode voltage
For an application with 1.9V out, 4A maxi-
mum IOUT, 3.3V input supply, 400 mV typical
forward diode voltage, 300kHz frequency
and a 30% inductor ripple current, a 2.2µH
inductor was selected (see Table 1 SP6122
Component Selection).
The peak to peak inductor ripple current is:
IPP = (VOUT + VDIODE)*(VIN – VOUT)/
((VIN + VDIODE)*( FS L))
For that same 2.2µH inductor application,
the IPP = 1.32A.
The inductor must be selected to not satu-
rate the core at the peak inductor current:
IPEAK = IOUT(max) + IPP/2
Figure 3. SP6122 Load Regulation with Input
Voltage = 3.3V.
Figure 4. SP6122 Line Regulation with I
LOAD = 2A.
1.897
1.898
1.899
1.900
1.901
1.902
01
23
45
ILOAD (A)
1.899
1.900
1.901
1.902
1.903
1.904
1.905
34
56
ILOAD (A)
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com