Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 12 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 12 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 8Page - Sipex Corporation SP6122 Datasheet HTML 9Page - Sipex Corporation SP6122 Datasheet HTML 10Page - Sipex Corporation SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation SP6122 Datasheet HTML 16Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
The copper loss in the inductor can be
calculated from the equation:
PL(Cu) = IL(RMS)2 RWINDING≅IOUT(max)2 RWINDING
For the 2.2µH example with 0.012Ω ESR in
the winding, 4A load and 1.9V output, the
copper loss in the inductor is 190mW.
OUTPUT CAPACITOR SELECTION
The output capacitor is typically selected
based on its ability to maintain the output
within specified tolerance limits during load
transients. During an output load transient,
the output capacitor must supply all the
additional current demanded by the load
until the SP6122 adjusts the inductor cur-
rent to the new value. Therefore the capaci-
tance must be large enough so that the
output voltage is held up while the inductor
current ramps up or down to the value
corresponding to the new load current. For
power converters delivering greater than
1A at less than 1MHz switching frequency,
the output capacitor is typically greater than
100µF. Typically, tantalum and OSCON
capacitors are used to get high output ca-
pacitance in a small space. These capaci-
tors have a high Equivalent Series Resis-
tance (ESR) when compared to ceramic
capacitors and this ESR is both a curse and
a blessing. Unfortunately, the ESR (Equiva-
lent Series Resistance) in the output ca-
pacitor causes a step in the output voltage
equal to the ESR value multiplied by the
change in load current. As a result, in a
power supply using a tantalum, aluminum
electrolytics or OSCON output capacitor,
the value of output capacitance (or number
of output capacitors) is typically chosen to
minimize the output variation due to the
load step imposed on this ESR. However,
the SP6122 takes advantage of the natural
presence of this ESR to control the loop.
Because the inductor ripple current also
flows through this ESR, and output ripple
voltage is created and the waveform is
resembles a miniature current-mode timing
waveform. For a 1.9V output voltage, the
required ripple is a reasonable 38 mV. The
designer must chose all other trade-offs
wisely to maintain this ripple
0.02 * VOUT < IPP * RESR
and
∆ILOAD * RESR < ∆VTOL
where:
VOUT = DC output voltage
RESR = ESR of the output capacitor
DILOAD = change in current due to load
step
DVTOL = tolerable deviation due to load
transient
IPP = peak to peak inductor ripple current
Output ripple is due primarily to the output
ripple current and the output capacitor ESR
value as seen in the following equation:
∆VOUT ≅ IPP RESR
For our SP6122 evaluation board example
with ESR = 35mΩ and IPP = 1.32A, ∆VOUT =
46mV. Note that a 4A step creates a 140mV
deviation. If this is unacceptable, ESR and
IPP must be reconsidered in order to im-
prove step response and maintain output
ripple.
Recommended capacitors that can be used
effectively in SP6122 applications are: low-
ESR aluminum electrolytic capacitors,
OSCON capacitors that provide a very high
performance/size ratio for electrolytic ca-
pacitors and low-ESR tantalum capacitors.
AVX TPS series and Kemet T510 surface
mount capacitors are popular tantalum ca-
pacitors that work well in SP6122 applica-
tions. POSCAP from Sanyo is a solid elec-
trolytic chip capacitor that has low ESR and
high capacitance. For the same ESR value,
POSCAP has lower profile compared with a
tantalum capacitor.
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com