Electronic Components Datasheet Search
  English  ▼

X  

SP6122 Datasheet(PDF) 15 Page - Sipex Corporation

Part # SP6122
Description  Low Voltage, Micro 8, PFET, Buck Controller Ideal for 1A to 5A, Small Footprint, DC-DC Power Converters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6122 Datasheet(HTML) 15 Page - Sipex Corporation

Back Button SP6122 Datasheet HTML 11Page - Sipex Corporation SP6122 Datasheet HTML 12Page - Sipex Corporation SP6122 Datasheet HTML 13Page - Sipex Corporation SP6122 Datasheet HTML 14Page - Sipex Corporation SP6122 Datasheet HTML 15Page - Sipex Corporation SP6122 Datasheet HTML 16Page - Sipex Corporation SP6122 Datasheet HTML 17Page - Sipex Corporation SP6122 Datasheet HTML 18Page - Sipex Corporation SP6122 Datasheet HTML 19Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
15
Rev. 7/16/03
SP6122 Low Voltage, Micro 8, PFET, Buck Controller
© Copyright 2003 Sipex Corporation
For the SP6122 example, the schottky
STPS2L25U has VF = 0.5V for IOUT of 4A,
the power loss in the schottky PDIODE =
848mW.
Note that this power dissipation is 2.5 times
greater than the MOSFET. If we assume the
same thermal conductivity as the MOSFET
(according to the data sheets, this is close)
we should get a 40°C rise due to the Schottky
diode alone. It is apparent that due to the
proximity of all the components involved
that the board temperature is higher than
ambient and this temperature rise must be
considered when attempting to protect the
power converter.
Features and Protection
PROGRAMMING THE SP6122 OUTPUT
VOLTAGE
For Applications requiring output other than
1.5V, the 1.25V adjustable version is
recommended. The output voltage can be
programmed through a simple voltage
divider shown in Figure 5. The set point for
the output voltage can be determined by
VOUT =
1.25 (R1 + R2)
R1
Select R1 and R2 in the range from 1k to
100k.
The 1.5V version of SP6122 has built in
voltage divider that presets the output
voltage. Simply connect the VOUT pin to the
power supply output for 1.5V regulation.
Due to the internal voltage divider, the
version of SP6122 sinks 23µA current at
the VOUT pin. Consider this error term if a
resistor voltage divider is used.
SOFT START
The SP6122 has a built-in soft start feature
that automatically limits the inrush currents
to reasonable levels for most power sup-
plies. For our 1.9V example, the inrush cur-
rent on start up is:
IINRUSH = 470µF * 0.5V/ms * 1.9V/1.25V
= 357mA
This extra current must be factored in when
calculating over current margins.
LOCK-UP AND HICCUP MODES
Basically, when the SP6122 sees an over
current fault, the part can react in two ways.
If the FFLAG is not tied to ENABLE, the part
will put the driver into a low impedance state
to the high rail during a fault. The ENABLE
pin must be manually cycled to remove the
fault. This mode is useful when power sup-
ply sequencing and system fault manage-
ment is complex. If the FFLAG pin is tied to
ENABLE, then a ‘hiccup’ time can be de-
signed by adding a capacitor from ENABLE
to ground. The 4µA ENABLE pin charge
current acts as a timer. The driver will be put
into a low impedance state to the high rail for
a certain amount of time.
TOFF = CENABLE* 1.21V/5µA
For CENABLE = 4.7nF, this time equals 1.3ms.
This represents a ‘cool off’ time required for
the power supply to cycle and see if the fault
has been removed. This mode is useful for
short term faults or in single supply systems.
SP6122
VOUT
®
®
R1
Pin 3
Vb
R2
Va
–
+
Error
Amplifier
1.25V
+
–
RIN1
Figure 5: Schematic: Output Voltage Divider Resistors
APPLICATION INFORMATION: Continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com