Electronic Components Datasheet Search
  English  ▼

X  

SP6132CU Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6132CU
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU Datasheet(HTML) 1 Page - Sipex Corporation

  SP6132CU Datasheet HTML 1Page - Sipex Corporation SP6132CU Datasheet HTML 2Page - Sipex Corporation SP6132CU Datasheet HTML 3Page - Sipex Corporation SP6132CU Datasheet HTML 4Page - Sipex Corporation SP6132CU Datasheet HTML 5Page - Sipex Corporation SP6132CU Datasheet HTML 6Page - Sipex Corporation SP6132CU Datasheet HTML 7Page - Sipex Corporation SP6132CU Datasheet HTML 8Page - Sipex Corporation SP6132CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 09/15/03
SP6132 Evaluation Manual
Copyright 2003 Sipex Corporation
SP6132EB SCHEMATIC
Easy Evaluation for the
SP6132 12V Input, 0 to 10A
Output Synchronous Buck
Converter
Precision 0.80V with
±1% High
Accuracy Reference.
UVIN and Output Dead Short Circuit
Shutdown Protection Features.
High Efficiency: 94%
Feature Rich: UVIN, Programmable Softstart,
External VCC Supply and Output Dead Short
Circuit Shutdown Protection.
SP6132
Evaluation Board Manual


Similar Part No. - SP6132CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6132CU SIPEX-SP6132CU Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132CU-L SIPEX-SP6132CU-L Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132CU-L/TR SIPEX-SP6132CU-L/TR Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
SP6132CU/TR SIPEX-SP6132CU/TR Datasheet
314Kb / 14P
Wide Input, 300KHz Synchronous PWM Controller
More results

Similar Description - SP6132CU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com