Electronic Components Datasheet Search
  English  ▼

X  

SP6132CU Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6132CU
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU Datasheet(HTML) 3 Page - Sipex Corporation

  SP6132CU Datasheet HTML 1Page - Sipex Corporation SP6132CU Datasheet HTML 2Page - Sipex Corporation SP6132CU Datasheet HTML 3Page - Sipex Corporation SP6132CU Datasheet HTML 4Page - Sipex Corporation SP6132CU Datasheet HTML 5Page - Sipex Corporation SP6132CU Datasheet HTML 6Page - Sipex Corporation SP6132CU Datasheet HTML 7Page - Sipex Corporation SP6132CU Datasheet HTML 8Page - Sipex Corporation SP6132CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Figure 1. Efficiency vs Load
Figure 2. Load Regulation
Figure 3. Load Step Response: 0->5A
Figure 4. Load Step Response: 5->10A
Figure 5. Start-Up Response: No Load
Figure 6. Start-Up Response: 5A Load
Figure 7. Start-Up Response: 10A Load
Figure 8. Output Load Short Circuit
0
10
20
30
40
50
60
70
80
90
100
2468
1 0
1 2
L o a d C u rr e n t (A )
3. 3 5
3. 3 6
3. 3 7
3. 3 8
3. 3 9
3. 4 0
3. 4 1
3. 4 2
3. 4 3
3. 4 4
3. 4 5
024
68
1 0
1 2
L o ad C u r r en t ( A )
Vin=12V
Vout=3.3V
Vin=12V
Vout=3.3V
Vout
Vin=12V
Vout=3.3V
Vout
Vin
SoftStart
Iout (5A/div)
Vout
SoftStart
Ichoke(10A/div)
Vin=12V
Vout=3.3V
Vout
Vin
SoftStart
Iout (5A/div)
Vout
Vin
SoftStart
Iout (5A/div)
Iout (5A/div)
Iout (5A/div)
Vout



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com