Electronic Components Datasheet Search
  English  ▼

X  

SP6132CU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6132CU
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU Datasheet(HTML) 5 Page - Sipex Corporation

  SP6132CU Datasheet HTML 1Page - Sipex Corporation SP6132CU Datasheet HTML 2Page - Sipex Corporation SP6132CU Datasheet HTML 3Page - Sipex Corporation SP6132CU Datasheet HTML 4Page - Sipex Corporation SP6132CU Datasheet HTML 5Page - Sipex Corporation SP6132CU Datasheet HTML 6Page - Sipex Corporation SP6132CU Datasheet HTML 7Page - Sipex Corporation SP6132CU Datasheet HTML 8Page - Sipex Corporation SP6132CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
The SP6132EB is design for ease of a quick modification to accommodate for
applications that required both different input/output load voltage and current levels.
The change such that modification requiring only simple few on board components
direct replacement as show on the following Table 1.
Table 1: SP6132EB Suggested Components
SP6132EBSuggested Components for Different Input Voltage and Output Current Applications
QT, QB
DS
L1
C1, C2
C3, C4
R4
R5
5VInput, 2AOutput
Fairchild Semi
OUTEasy Magnet
TDK
TDK
Panasonic
Yageo America
FDS6162N3
SD75-6R8M
C3225X5R0J476M
C3225X5R0J476M
ERJ-3EKF3322V 9C06031A0R0JLHFT
20V, 21A, 4.5mOhm
6.8uH, 2.54Arms,46mOhm 47uF Ceramic X5R6.3V 47uF Ceramic X5R6.3V 332KOhm, 1% 0.0 Ohm, 1%
Layout Size SO-8
Layout Size 7.8 x 7.0 mm
Layout Size 1210
Layout Size 1210
Layout Size 0603 Layout Size 0603
C1 INand C2 OUT
C3 INand C4 OUT
5VInput, 0 to 15AOutput
Fairchild Semi
OUTEasy Magnet
TDK
TDK
Panasonic
Yageo America
FDS6162N3
SC5018-2R7M
C3225X5R0J476M
C3225X5R0J476M
ERJ-3EKF3322V 9C06031A0R0JLHFT
20V, 21A, 4.5mOhm
2.7uH, 15.0A, 4.10mOhm
47uF Ceramic X5R6.3V 47uF Ceramic X5R6.3V 332KOhm, 1% 0.0 Ohm, 1%
Layout Size SO-8
Layout Size 12.6 x 12.6 mm Layout Size 1210
Layout Size 1210
Layout Size 0603 Layout Size 0603
12V Input, 2AOutput
Fairchild Semi
IN Easy Magnet
TDK
TDK
Panasonic
TDK
FDS7088N3
SD75-6R8M
C3225X5R1C226M
C3225X5R0J476M
ERJ-3EKF1003V MMZ1608R601A
30V, 21A, 5mOhm
6.8uH, 2.54Arms,46mOhm 22uF Ceramic X5R16V 47uF Ceramic X5R6.3V 100KOhm, 1% High Freq Bead Filter
Layout Size SO-8
Layout Size 7.8 x 7.0 mm
Layout Size 1210
Layout Size 1210
Layout Size 0603 Layout Size 0603
C1 INand C2 OUT
C3 INand C4 OUT
12V Input, 0 to 15AOutput
Fairchild Semi
IN Easy Magnet
TDK
TDK
Panasonic
TDK
FDS7088N3
SC5018-2R7M
C3225X5R1C226M
C3225X5R0J476M
ERJ-3EKF1003V MMZ1608R601A
30V, 21A, 5mOhm
2.7uH, 15.0A, 4.10mOhm
22uF Ceramic X5R16V 47uF Ceramic X5R6.3V 100KOhm, 1% High Freq Bead Filter
Layout Size SO-8
Layout Size 12.6 x 12.6 mm Layout Size 1210
Layout Size 1210
Layout Size 0603 Layout Size 0603
NOTES:
Referring to +5V Bias Supply Application Schematic, DS (STPS2L25U) OUT meaning
the application is not required to installed and vice versa. The same argument is also
applying both to C2, C4 OUT and C2, C4 IN.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com