Electronic Components Datasheet Search
  English  ▼

X  

SP6132CU Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6132CU
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU Datasheet(HTML) 4 Page - Sipex Corporation

  SP6132CU Datasheet HTML 1Page - Sipex Corporation SP6132CU Datasheet HTML 2Page - Sipex Corporation SP6132CU Datasheet HTML 3Page - Sipex Corporation SP6132CU Datasheet HTML 4Page - Sipex Corporation SP6132CU Datasheet HTML 5Page - Sipex Corporation SP6132CU Datasheet HTML 6Page - Sipex Corporation SP6132CU Datasheet HTML 7Page - Sipex Corporation SP6132CU Datasheet HTML 8Page - Sipex Corporation SP6132CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
+5V BIAS SUPPLY APPLICATION SCHEMATIC
In this application example, the SP6132CU is power by an external +5V bias supply
which current consumption of 20mA Maximum. If this supply is not available than it
is recommend Sipex SPX5205 Low-Noise LDO Voltage Regulator which is included
on the 6132CU Evaluation Board.
Figure 9. Output Ripple: No Load
Figure 10. Output Ripple: 10A Load
GH & GL
Vout ripple = 30mV
Ichoke(5A/div)
Ichoke(5A/div)
Vout ripple = 60mV
GH & GL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com