Electronic Components Datasheet Search
  English  ▼

X  

SP6132CU Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP6132CU
Description  Evaluation Board Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6132CU Datasheet(HTML) 7 Page - Sipex Corporation

  SP6132CU Datasheet HTML 1Page - Sipex Corporation SP6132CU Datasheet HTML 2Page - Sipex Corporation SP6132CU Datasheet HTML 3Page - Sipex Corporation SP6132CU Datasheet HTML 4Page - Sipex Corporation SP6132CU Datasheet HTML 5Page - Sipex Corporation SP6132CU Datasheet HTML 6Page - Sipex Corporation SP6132CU Datasheet HTML 7Page - Sipex Corporation SP6132CU Datasheet HTML 8Page - Sipex Corporation SP6132CU Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
f.
Select the ratio of Rz2 / R1 gain for the desired gain bandwidth
Rz2 = (R1) (Vramp_pp / Vin) (fco / fp_LC)
g.
Calculate Cz2 by placing the zero at ½ of the output filter pole frequency
Cz2 = 1 /
π (Rz2) (fp_LC)
h.
Calculate Cp1 by placing the first pole at ESR zero frequency
Cp1 = 1 / 2
π (Rz2) (fz_ESR)
i.
Calculate Rz3 by setting the second pole at ½ of the switching frequency and the
second zero at the output filter double pole frequency
Rz3 = 2 (R1) (fp_LC) / fs
j.
Calculate Cz3 from Rz3 component value above
Cz3 = 1 /
π (Rz3) (fs)
k.
Choose 100pF
≤ Cf1 ≤ 220pF to stabilize the SP6132CU internal Error Amplify
As a particular example, consider for the following SP6132EB with a type III Voltage
Loop Compensation component selections:
Vin = 5 to 12V
Vout = 3.30V @ 0 to 10A load
Select L = 2.7uH => yield
≈ 20% of maximum 10A output current ripple.
Select Cout = 2x47uF Ceramic capacitors (Resr
≈ 2mΩ)
fs = 300khz SP6132CU internal Oscillator Frequency
Vramp_pp = 1.0V SP6132CU internal Ramp Peak to Peak Amplitude
Step by step design procedures:
a.
fco = 300khz / 5 = 60khz
b.
fp_LC = 1 / 2
π [(2.7uH)(2)(47uF)]^1/2 ≅ 10khz
c.
fz_ESR = 1 / 2
π (2mΩ)(2)(47uF) ≈ 850khz
d.
R1 = 68.1k
Ω, 1%
e.
R2 = 68.1k
Ω / [(3.30V / 0.80V) – 1] ≅ 21.5kΩ, 1%
f.
Rz2 = 68.1k
Ω (1.0V / 12V) (60khz / 10khz) ≈ 40.2kΩ, 1%
g.
Cz2 = 1 /
π (40.2kΩ) (10khz) ≈ 820pF, COG
h.
Cp1 = 1 / 2
π (40.2kΩ) (850khz) ≈ 5pF => Select Cp1 = 56pF for noise filtering
i.
Rz3 = 2 (68.1k
Ω) (10khz) / 300khz ≈ 4.64kΩ, 1%
j.
Cz3 = 1 /
π (4.64kΩ) (300khz) ≅ 220pF, COG
k.
Cf1 = 100pF to stabilize SP6132CU internal Error Amplify



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com