Electronic Components Datasheet Search
  English  ▼

X  

SP6652 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6652 Datasheet HTML 1Page - Sipex Corporation SP6652 Datasheet HTML 2Page - Sipex Corporation SP6652 Datasheet HTML 3Page - Sipex Corporation SP6652 Datasheet HTML 4Page - Sipex Corporation SP6652 Datasheet HTML 5Page - Sipex Corporation SP6652 Datasheet HTML 6Page - Sipex Corporation SP6652 Datasheet HTML 7Page - Sipex Corporation SP6652 Datasheet HTML 8Page - Sipex Corporation SP6652 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Input Voltage Operating
UVLO
5.5
V
Range
FB Set Voltage
0.735
0.75
0.765
V
TA = 27°C, FB = COMP
FB Input Voltage
-1
0.01
1
µAVFB = 0.8V
Overall FB Accuracy
-4
4
%
FB = COMP
FB Set Voltage (PFM Mode)
0.758
V
Switching Frequency
1
1.2
1.4
MHz
SYNC Tracking Frequency
1
1.2
1.4
MHz
SYNC Input Current
-1
0.01
1
µA
SYNC Logic Threshold Low
0.3
0.6
Ω
SYNC Logic Threshold High
1.7
PWM On-Time Blanking
50
ns
PMOS Switch Resistance
0.25
0.6
Ω
NMOS Switch Resistance
0.25
0.6
Ω
Inductor Current Limit (PWM Mode)
1.2
1.4
1.6
A
Inductor Current Limit (PFM Mode)
300
mA
LX Leakage Current
0.1
3
µASD\=0V
SVIN Quiecent Current
60
100
µA
PFM Mode
2
TBD
nA
PWM Mode
1
500
mA
Shutdown, SD\=0V
PVIN Quiecent Current
102
TBD
µAVCOMP = 0.6V
ILX = 0
1
500
PWM Mode
UVLO
2.6
2.7
2.8
V
Undervoltage Lockout
Threshold, VIN falling
UVLO hysteresis
6
%
Soft Start Current
1
2
3
µVVCOMP = 1V
SD\, MODE Input Current
-1
0.01
1
µA
SD\, MODE Logic Threshold Low
0.4
V
SD\, MODE Logic Threshold High
1.6
V
Slope Compensation
700
mA/µs
Rising Over-Temperature Trip Point
140
°C
Over-Temperature Hysteresis
14
°C
ERROR AMPLIFIER
Error Amplifier Transconductance
0.5
1
1.5
mS
Error Amplifier Output Impedance
1
mΩ
Error Amplifier Max Sink Current
15
40
60
µA
Error Amplifier Max Source Current
15
40
60
µA
VIN=UVIN=VSDN=3.6V, VOUT=VFB, IO = 0mA, TAMB = -40°C to +85°C, typical values at 27°C unless otherwise noted.
PV
IN,SVIN ........................................................................... -0.3V to 0.3V
P
GND to SGND ...................................................................... -0.3V to 0.3V
LX to P
GND ................................................................ - 0.3V to PVIN+0.3V
Storage Temperature .................................................. -65 °C to 150 °C
Operating Temperature ................................................. -40°C to +85°C
Lead Temperature (Soldering, 10 sec) ....................................... 300 °C
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation
sections of the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may
affect reliability.
ELECTRICAL CHARACTERISTICS
Note: This thermal Resistance Figure Applies only to a package with the exposed pad soldered to a PCB.
Faliure to do this results in, approximately, a three-fold increase in thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com