Electronic Components Datasheet Search
  English  ▼

X  

SP6652 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6652 Datasheet HTML 1Page - Sipex Corporation SP6652 Datasheet HTML 2Page - Sipex Corporation SP6652 Datasheet HTML 3Page - Sipex Corporation SP6652 Datasheet HTML 4Page - Sipex Corporation SP6652 Datasheet HTML 5Page - Sipex Corporation SP6652 Datasheet HTML 6Page - Sipex Corporation SP6652 Datasheet HTML 7Page - Sipex Corporation SP6652 Datasheet HTML 8Page - Sipex Corporation SP6652 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
DESCRIPTION
1PGND
Power Ground Pin. Synchronous rectifier current returns through this pin.
2SGND
Internal Ground Pin. Control circuitry returns current to this pin.
3FB
External feedback network input connection. Connect a resistor from
to ground and from FB to output voltage to control the output voltage.
Regulation point at FB=0.75V Typical.
4
COMP
Compensation pin for error loop. Connect an R and C in series to
ground to control open loop pole and zero.
5
SD\
Shutdown control input. Tie pin to VIN for normal operation, tie to
ground for shutdown. TTL input threshold.
6
MODE
Connect this pin to VIN to force PWM operation and to S
GND for
automatic PWM/PFM selection, for a better light load efficiency.
7
SYNC
An external clock signal can be connected to this to synchronize the
switching frequency. The part runs in PWM mode in the precence of a
sync clock.
8SVIN
Internal supply voltage. Control circuitry is powered from from this pin.
Use an RC filter close to the pin to cut down supply noise.
9PVIN
Supply voltage for the output driver stage. Inductor charging current
passes through this pin.
10
LX
Inductor switching node. Inductor tied between this pin and the output
capacitor to create regulated output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com