Electronic Components Datasheet Search
  English  ▼

X  

SP6652 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP6652
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP6652 Datasheet HTML 2Page - Sipex Corporation SP6652 Datasheet HTML 3Page - Sipex Corporation SP6652 Datasheet HTML 4Page - Sipex Corporation SP6652 Datasheet HTML 5Page - Sipex Corporation SP6652 Datasheet HTML 6Page - Sipex Corporation SP6652 Datasheet HTML 7Page - Sipex Corporation SP6652 Datasheet HTML 8Page - Sipex Corporation SP6652 Datasheet HTML 9Page - Sipex Corporation SP6652 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
the energy gained during the charge phase. For
this reason, the clock frequency is cut in half
when the feedback pin is below 0.3V, effec-
tively reducing the minimum duty cycle in half.
Above V(FB)=0.3V the clock frequency is nor-
mal (see TYPICAL OPERATIONG CHAR-
ACTERISTICS: Inductor current vs. VOUT)
PFM Control for Light Loads
If the MODE pin is connected to SGND, under
light load conditions the SP6652 will transition
to a PFM regulation mode. In this mode of
operation, V(FB) is compared to the reference
voltage plus 7.5mV, nominally (see BLOCK
DIAGRAM). This sets the regulation point 1%
higher than the PWM regulation voltage to
prevent bouncing between modes at loading
conditions near threshold.
When VOUT falls below the PFM regulation
point the voltage loop comparator issues a com-
mand to turn on the PMOS switch to the output
stage logic. The current sensing comparator
compares the voltage across that switch to a
reference set up by a biased replica of the PMOS
switch, to set the peak PFM inductor current
(nominally 300 mA). This comparator stops the
charging cycle and initiates the discharge through
the synchronous NMOS rectifier.
Any new charging cycles are inhibited until a
third comparator, the under-current compara-
tor, which is setup to detect the instant when the
inductor is fully discharged (NMOS VDS >0)
enables the voltage loop. This keeps the PFM
mode in discontinuous conduction mode (DCM).
A timer disables both the Current Loop and
Trough Current comparators 7
µs after entering
DCM, to save supply current under very light
load conditions. The normal light load supply
current is, nominally, 135
µA whereas the very
light load supply current is 60
µA.
DETAIL DESCRIPTION: Contunued
Automatic Mode Selection
If the MODE pin is connected to SVIN, the part
will be forced into a PWM-only regulation mode.
If the MODE pin is connected to SGND, the mode
selection circuitry decides whether the con-
verter should be in PWM or PFM mode, depend-
ing on the load. Light loads call for the PFM
loop, which is forced into DCM as well. Me-
dium to heavy loads activate the PWM loop.
Starting from a PWM state, the Peak and Trough
Current Detector window comparator monitors
the peak inductor current during charge and the
trough inductor current during discharge. Both
the peak and trough are monitored because the
ripple current varies considerably across the
application spectrum. The lossless inductor cur-
rent ripple is:
IL(RIPPLE)=(VIN-VOUT)*(VOUT/VIN)*(1/L*fCLK)
Where fCLK is the switching frequency (1.2MHz,
nominally).
If the peak inductor current is below 100mA or
the trough reaches 0mA (or less) during one
cycle, then the current is defined as low enough
for PFM mode. This has to happen during 32
consecutive clock cycles before the output sig-
nal goes high and switches modes. This delay is
to avoid prematurely switching into PFM mode
during a negative load transient.
Once in PFM mode, the regulated output volt-
age will be 1% higher than in PWM and con-
tinue regulating there, as described in the PFM
Control For Light Loads section. When the load
increases past the point where the PFM mode
can regulate while remaining in DCM (which is
l 1/2 of the peak inductor current in PFM, or 1/
2*300mA=150mA), the output voltage will start
dropping. When it falls 1% below the reference
voltage, that is 2% below the PFM regulation
point, the PWM Mode Comparator will switch
and set the Mode Control latch to PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com