Electronic Components Datasheet Search
  English  ▼

X  

M02069 Datasheet(PDF) 18 Page - M/A-COM Technology Solutions, Inc.

Part # M02069
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 Datasheet(HTML) 18 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 16Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
Mindspeed Technologies™
02069-DSH-001-D
Mindspeed Proprietary and Confidential
M02069 Data Sheet
20
CAPC
Automatic power control loop dominant pole capacitor. (Connect a capacitor
between this pin and VCC3.)
A nominal capacitance of 2.2nF will give a bias current enable time of less than 1
ms.
21
VCC3
3.3V applications - Power supply input. Connect to VCC.
5V applications - Do not connect to 5V. Internally generated 3.3V power supply
output. Do not attach to non-M02069 circuitry.
22
PEAKADJ
Peaking adjustment input. A resistor (2k
Ω to 20kΩ) between this pin and ground
sets the amount of peaking current on OUT- to improve the fall time of the laser
output. The peaking current is approximately (5 * (1.3V / 2 k
Ω + resistance to
ground)).
Connect to VCC3 to disable peaking control.
Table 2-1.
Pin Definitions
Pin
Number
Pin Name
Pin equivalent load
Function
100
Ω
C
APC
VCC
V
CC3
VCC
V
CC
1.8 k
Ω
PEAK
ADJ
V
CC
VCC3
+
-
1.28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com