Electronic Components Datasheet Search
  English  ▼

X  

M02069 Datasheet(PDF) 21 Page - M/A-COM Technology Solutions, Inc.

Part # M02069
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 Datasheet(HTML) 21 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069 Datasheet HTML 17Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 18Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 19Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 20Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 21Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 22Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 23Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 24Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 25Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
02069-DSH-001-D
Mindspeed Technologies™
21
Mindspeed Proprietary and Confidential
3.0 Functional Description
3.1
Overview
The M02069 is a highly integrated laser driver intended for applications to 4.3 Gbps.
Many features are user-adjustable, including common anode or common cathode laser mode, the APC (automatic
power control) loop bias control (via a monitor photodiode), modulation current, temperature compensation control
of modulation current, and peaking adjustment. The part may be operated from a 3.3V or 5V supply.
For E-PON and other burst-mode applications, the part supports fast and accurate turn-on and turn-off of the laser
bias and modulation currents.
Safety circuitry is also included to provide a latched shut-down of laser bias and modulation current if a fault condi-
tion occurs. An internal VCC switch provides redundant shutdown when operating the device in common anode
configuration. An internal ground switch provides redundant shutdown when operating the device in common cath-
ode configuration.
Modulation, bias, and transmit power monitor current mirrors are provided for DDMI applications and allow moni-
toring without disturbing the analog signal path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com