Electronic Components Datasheet Search
  English  ▼

X  

M02069 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M02069
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M02069 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
2
Mindspeed Technologies™
02069-DSH-001-D
Mindspeed Proprietary and Confidential
M02069 Data Sheet
Ordering Information
Part Number
Package
Operating Temperature
M02069-12 *
QFN24
M02069-EVM
Combination Electrical and Optical Evaluation board
* The letter “G” designator after the part number indicates that the device is RoHS-compliant. Refer to www.mindspeed.com for additional
information.
Revision History
Revision
Level
Date
ASIC
Revision
Description
A
Advance
October 2003
x
Initial Release.
B
Advance
November 2003
x
Revision B Release.
C
Preliminary
February 2004
x
Revision C Release, Preliminary.
D
Released
March 2005
x
Revision D Release. New data sheet format. Changes to Absolute Maximum
Ratings, Operating Temperature, AC and DC specifications. New section on
video operation.
Pin Configuration
Typical Eye Diagram
VCC
DIN+
DIN-
VCC3SEL
FAIL
IPIN
GND0
OUT+
OUT-
SVCC/
IBOUTCC
IBOUT
CA/
SGND
DIS
1
6
712
13
18
19
24
\
GND, connect to
PCB ground
4 X 4 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com