Electronic Components Datasheet Search
  English  ▼

X  

M02069 Datasheet(PDF) 32 Page - M/A-COM Technology Solutions, Inc.

Part # M02069
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 Datasheet(HTML) 32 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069 Datasheet HTML 28Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 29Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 30Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 31Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 32Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 33Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 34Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 35Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 36Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
32
Mindspeed Technologies™
02069-DSH-001-D
Mindspeed Proprietary and Confidential
M02069 Data Sheet
3.3.13
Current Monitors
To facilitate complying with laser safety and DDMI1 requirements, output monitors are provided for transmit power
(TxPwrMON), bias (BIASMON), and modulation current (MODMON).
These outputs will source current proportional to the emitted optical power (TxPwrMON) the bias current (BIASMON)
and modulation current (MODMON). These outputs may be connected directly to the corresponding pins on the
M02088 module controller.
To use these pins without an M02088 they should be terminated with a resistor to ground that sets the desired full-
scale voltage (not to exceed 2.5V).
If the outputs of these monitors are not needed, TxPwrMON, BIASMON, and MODMON can all be left floating and the
chip current consumption will be reduced by the value of the monitor currents.
3.4
Laser Eye Safety
Using this laser driver in the manner described herein does not ensure that the resulting laser transmitter complies
with established standards such as IEC 825. Users must take the necessary precautions to ensure that eye safety
and other applicable standards are met. Note that determining and implementing the level of fault tolerance
required by the applications that this part is going into is the responsibility of the transmitter designer and manufac-
turer since the application of this device cannot be controlled by Mindspeed.
1 Digital Diagnostic Monitoring Interface for Optical Tranceivers, defined in SFF-8472.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com