Electronic Components Datasheet Search
  English  ▼

X  

M02069 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # M02069
Description  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  M02069 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
02069-DSH-001-D
Mindspeed Technologies™
3
Mindspeed Proprietary and Confidential
1.0 Product Specification
1.1
Absolute Maximum Ratings
These are the absolute maximum ratings at or beyond which the IC can be expected to fail or be damaged. Reli-
able operation at these extremes for any length of time is not implied.
Table 1-1.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
VCC
Power supply voltage
-0.4 to +6.0
V
VCC3
3.3V power supply voltage
-0.4 to +4.0
V
TSTG
Storage temperature
-65 to +150
°C
IBIASOUTCA (MAX)
Maximum bias output current for common anode
laser
75
mA
IBIASOUTCC (MAX)
Maximum bias output current for common cathode
laser
30
mA
IMODCA (MAX)
Maximum modulation current for common anode
laser
70
mA
IMODCC (MAX)
Maximum modulation current for common cathode
laser
30
mA
DIN+/-
Data inputs
-0.4 to VCC3 + 0.4
V
DIS
Disable input
-0.4 to VCC + 0.4
V
BIASMON, MODMON
Bias and modulation output current mirror
compliance voltage
-0.4 to VCC3 + 0.4
V
IPIN
Photodiode anode voltage
-0.4 to VCC3 + 0.4
V
IPIN
Sink or Source current
2.0
mA
FAIL
Status flag
-0.4 to VCC + 0.4
V
APCSET, MODSET
Set inputs
-0.4 to VCC3 + 0.4
V
TCSLOPE
Temperature compensation slope
-0.4 to VCC3 + 0.4
V
OUT+, OUT-
Output
-0.4 to VCC3 + 0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com