Electronic Components Datasheet Search
  English  ▼

X  

XC9263 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9263
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9263 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9263 Datasheet HTML 9Page - Torex Semiconductor XC9263 Datasheet HTML 10Page - Torex Semiconductor XC9263 Datasheet HTML 11Page - Torex Semiconductor XC9263 Datasheet HTML 12Page - Torex Semiconductor XC9263 Datasheet HTML 13Page - Torex Semiconductor XC9263 Datasheet HTML 14Page - Torex Semiconductor XC9263 Datasheet HTML 15Page - Torex Semiconductor XC9263 Datasheet HTML 16Page - Torex Semiconductor XC9263 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
13/30
XC9263/XC9264
Series
■
OPERATIONAL EXPLANATION (Continued)
<Current limiting>
The current limiting circuit of the XC9263/64 series monitors the current that flows through the High-side driver transistor and Low-side driver
transistor, and when over-current is detected, the current limiting function activates.
①
Low-side driver Tr. current limiting
The current in the Low-side driver Tr. is detected to equivalently monitor the bottom value of the coil current. The Low-side driver Tr. current
limiting function prohibits the High-side driver Tr. from turning on in an over-current state where the bottom value of the coil current is higher
than the Low-side driver Tr. current limit value ILIML. Control to lower the switching frequency fOSC is also performed. When the over-current state
is released, normal operation resumes.
②
High-side driver Tr. current limiting
The current in the High-side driver Tr. is detected to equivalently monitor the peak value of the coil current. The High-side driver Tr. current
limiting function forcibly turns off the High-side driver Tr. when the peak value of the coil current reaches the High-side driver current limit value
ILIMH. ILIML < ILIMH is set inside the IC, and therefore the Low-side driver Tr. current limiting function of ① above also detects the over-current state
at this time. When the over-current state is released, normal operation resumes.
③
Over-current latch (Type A)
Type A turns off the High-side and Low-side driver Tr. when state ① or ② continues for 1.0ms (TYP.). The LX pin is latch-stopped at the GND
level (0V).
The latch-stopped state only stops the pulse output from the Lx pin; the internal circuitry of the IC continues to operate. To restart after
latch-stopping, L level and then H level must be input into the EN/SS pin, or VIN pin re-input must be performed (after lowering the voltage
below the UVLO detection voltage) to resume operation by soft start.
The over-current latch function may occasionally be released from the current limit detection state by the effects of ambient noise, and it may
also happen that the latch time becomes longer or latching does not take place due to board conditions. For this reason, place the input
capacitor as close as possible to the IC.
Type B is an automatic recovery type that performs the operation of ① or ② until the over-current state is released.
Low side driver Tr. current limit value ILIML=0.7A (TYP.)
High-side driver Tr. current limit value ILIMH=1.1A (TYP.)
ILX
VOUT
VLX
Type A only
ILIMH=1.1A(TYP.)
ILIML=0.7A(TYP.)
1.0ms(TYP.)
VEN/SS
0A
0V
0V
Current limiting timing chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com