Electronic Components Datasheet Search
  English  ▼

X  

XC9263 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XC9263
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9263 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XC9263 Datasheet HTML 15Page - Torex Semiconductor XC9263 Datasheet HTML 16Page - Torex Semiconductor XC9263 Datasheet HTML 17Page - Torex Semiconductor XC9263 Datasheet HTML 18Page - Torex Semiconductor XC9263 Datasheet HTML 19Page - Torex Semiconductor XC9263 Datasheet HTML 20Page - Torex Semiconductor XC9263 Datasheet HTML 21Page - Torex Semiconductor XC9263 Datasheet HTML 22Page - Torex Semiconductor XC9263 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
19/30
XC9263/XC9264
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS(Continued)
(3) Ripple Voltage vs. Output Current
(4) FB Voltage vs. Ambient Temperature
(5) UVLO Voltage vs. Ambient Temperature
2.5
2.6
2.7
2.8
2.9
3.0
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XC9263/XC9264
VUVLO1(DetectVoltage)
VUVLO2(ReleaseVoltage)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XC9263x755/XC9264x755
(VIN=12V, VOUT=5V, fOSC=500kHz)
XC9263x755
XC9264x755
L=10μH(CLF6045NIT-100), CIN=2.2μF(GRM188R61H225KE11),
CL=10μF×2 (GRM21BZ71E106KE15)
0.740
0.745
0.750
0.755
0.760
-50
-25
0
25
50
75
100
125
Ambient Temperature :Ta[℃]
XC9263/XC9264
VIN=12V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XC9263x75C/XC9264x75C
(VIN=12V, VOUT=5V, fOSC=1200kHz)
XC9263x75C
XC9264x75C
L=4.7μH(CLF6045NIT-4R7), CIN=2.2μF(GRM188R61H225KE11),
CL=10μF×2 (GRM188R61E106MA73)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
Output Current :IOUT[mA]
XC9263x75D/XC9264x75D
(VIN=12V, VOUT=5V, fOSC=2200kHz)
XC9263x75D
XC9264x75D
L=2.2μH(CLF6045NIT-2R2), CIN=2.2μF(GRM188R61H225KE11),
CL=10μF×2 (GRM188R61E106MA73)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com