Electronic Components Datasheet Search
  English  ▼

X  

XC9263 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9263
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9263 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9263 Datasheet HTML 1Page - Torex Semiconductor XC9263 Datasheet HTML 2Page - Torex Semiconductor XC9263 Datasheet HTML 3Page - Torex Semiconductor XC9263 Datasheet HTML 4Page - Torex Semiconductor XC9263 Datasheet HTML 5Page - Torex Semiconductor XC9263 Datasheet HTML 6Page - Torex Semiconductor XC9263 Datasheet HTML 7Page - Torex Semiconductor XC9263 Datasheet HTML 8Page - Torex Semiconductor XC9263 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC9263/XC9264 Series
■
BLOCK DIAGRAM
XC9263/64Series
PWM/PFM
ControlLOGIC
FB
+
-
+
-
Low
Side
Buffer
Lx
VIN
EN/SS
Chip
Enable
Vref
Soft Start
Under
Voltage
Lock Out
Current
Limit
Err Amp
GND
PG(USP-6C Package Only)
+
-
Thermal
Shutdown
Comparator
PWM
LocalReg
Current
SENSE
Gate
CLAMP
PowerG ood
Comparator
each
circuit
Ramp
Wave
OSC
High
Side
Buffer
Current
Limit
PFM
Operation
Enable
each
circuit
Current
feed
back
*Diodes inside the circuit are an ESD protection diodes and a parasitic diodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com