Electronic Components Datasheet Search
  English  ▼

X  

XC9263 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9263
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9263 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9263 Datasheet HTML 1Page - Torex Semiconductor XC9263 Datasheet HTML 2Page - Torex Semiconductor XC9263 Datasheet HTML 3Page - Torex Semiconductor XC9263 Datasheet HTML 4Page - Torex Semiconductor XC9263 Datasheet HTML 5Page - Torex Semiconductor XC9263 Datasheet HTML 6Page - Torex Semiconductor XC9263 Datasheet HTML 7Page - Torex Semiconductor XC9263 Datasheet HTML 8Page - Torex Semiconductor XC9263 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3/30
XC9263/XC9264
Series
■
PRODUCT CLASSIFICATION
●
Ordering Information
XC9263①②③④⑤⑥-⑦(*1) PWM control
XC9264①②③④⑤⑥-⑦(*1) PWM/PFM Auto
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
①
Type
A
Refer to Selection Guide
B
②③
Adjustable Output Voltage
75
Output voltage can be adjusted in 1V to 15V
④
Oscillation Frequency
5
500kHz
C
1.2MHz
D
2.2MHz
⑤⑥
-⑦
Packages (Order Unit)
MR-G(*1)
SOT-25 (3,000pcs/Reel)
ER-G(*1)
USP-6C (3,000pcs/Reel)
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully EU RoHS compliant.
●
Selection Guide
TYPE
Packages
Current
Limitter
Automatic Recovery
(Current Limitter)
Latch Protection
(Current Limitter)
Chip Enable
A
MR-G
YES
NO
YES (*2)
YES
B
YES
YES
NO
YES
TYPE
Packages
UVLO
Thermal
Shutdown
Soft Start
Power Good
A
MR-G
YES
YES
YES
NO
B
YES
YES
YES
NO
TYPE
Packages
Current
Limitter
Automatic Recovery
(Current Limitter)
Latch Protection
(Current Limitter)
Chip Enable
A
ER-G
YES
NO
YES (*2)
YES
B
YES
YES
NO
YES
TYPE
Packages
UVLO
Thermal
Shutdown
Soft Start
Power Good
A
ER-G
YES
YES
YES
YES
B
YES
YES
YES
YES
(*2) The over-current protection latch is an integral latch type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com