Electronic Components Datasheet Search
  English  ▼

X  

XC9263 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC9263
Description  18V Operation 0.5A Synchronous Step-Down DC/DC Converters
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9263 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC9263 Datasheet HTML 1Page - Torex Semiconductor XC9263 Datasheet HTML 2Page - Torex Semiconductor XC9263 Datasheet HTML 3Page - Torex Semiconductor XC9263 Datasheet HTML 4Page - Torex Semiconductor XC9263 Datasheet HTML 5Page - Torex Semiconductor XC9263 Datasheet HTML 6Page - Torex Semiconductor XC9263 Datasheet HTML 7Page - Torex Semiconductor XC9263 Datasheet HTML 8Page - Torex Semiconductor XC9263 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/30
XC9263/XC9264 Series
■
PIN CONFIGURATION
1
3
2
5
4
SOT-25
(TOP VIEW)
USP-6C
(BOTTOM VIEW)
3
4
2
1
5
6
GND
Lx
FB
VIN
EN/SS
VIN
EN/SS
PG
FB
GND
Lx
■
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTION
SOT-25
USP-6C
1
6
VIN
Power Input
3
5
EN/SS
Enable Soft-start
-
4
PG
Power good Output
4
3
FB
Output Voltage Sense
2
2
GND
Ground
5
1
Lx
Switching Output
■
FUNCTION CHART
PIN NAME
SIGNAL
STATUS
EN/SS
L
Stand-by
H
Active
OPEN
Undefined State(*1)
(*1) Please do not leave the EN/SS pin open. Each should have a certain voltage.
* The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so
as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected
to the GND (No. 2) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com