Electronic Components Datasheet Search
  English  ▼

X  

XCL210 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL210 Datasheet HTML 5Page - Torex Semiconductor XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor XCL210 Datasheet HTML 10Page - Torex Semiconductor XCL210 Datasheet HTML 11Page - Torex Semiconductor XCL210 Datasheet HTML 12Page - Torex Semiconductor XCL210 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9/24
XCL210
Series
■
ELECTRICAL CHARACTERISTICS (Continued)
XCL210 Series voltage chart
SYMBOL
E1
E2
SYMBOL
E1
E2
PARAMETER
OUTPUT VOLTAGE
SUPPLY CURRENT
PARAMETER
OUTPUT VOLTAGE
SUPPLY CURRENT
UNITS: V
UNITS: V
UNITS: μA
UNITS: V
UNITS: V
UNITS: μA
OUTPUT
VOLTAGE
MIN.
MAX.
TYP.
MAX.
OUTPUT
VOLTAGE
MIN.
MAX.
TYP.
MAX.
1.00
0.980
1.020
0.500
0.800
3.00
2.940
3.060
0.800
2.100
1.05
1.029
1.071
3.05
2.989
3.111
1.10
1.078
1.122
3.10
3.038
3.162
1.15
1.127
1.173
3.15
3.087
3.213
1.20
1.176
1.224
3.20
3.136
3.264
1.25
1.225
1.275
3.25
3.185
3.315
1.30
1.274
1.326
3.30
3.234
3.366
1.35
1.323
1.377
3.35
3.283
3.417
1.40
1.372
1.428
3.40
3.332
3.468
1.45
1.421
1.479
3.45
3.381
3.519
1.50
1.470
1.530
0.500
0.900
3.50
3.430
3.570
1.500
3.000
1.55
1.519
1.581
3.55
3.479
3.621
1.60
1.568
1.632
3.60
3.528
3.672
1.65
1.617
1.683
3.65
3.577
3.723
1.70
1.666
1.734
3.70
3.626
3.774
1.75
1.715
1.785
3.75
3.675
3.825
1.80
1.764
1.836
3.80
3.724
3.876
1.85
1.813
1.887
3.85
3.773
3.927
1.90
1.862
1.938
3.90
3.822
3.978
1.95
1.911
1.989
3.95
3.871
4.029
2.00
1.960
2.040
0.600
1.100
4.00
3.920
4.080
2.05
2.009
2.091
2.10
2.058
2.142
2.15
2.107
2.193
2.20
2.156
2.244
2.25
2.205
2.295
2.30
2.254
2.346
2.35
2.303
2.397
2.40
2.352
2.448
2.45
2.401
2.499
2.50
2.450
2.550
0.700
1.500
2.55
2.499
2.601
2.60
2.548
2.652
2.65
2.597
2.703
2.70
2.646
2.754
2.75
2.695
2.805
2.80
2.744
2.856
2.85
2.793
2.907
2.90
2.842
2.958
2.95
2.891
3.009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com