Electronic Components Datasheet Search
  English  ▼

X  

XCL210 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL210 Datasheet HTML 1Page - Torex Semiconductor XCL210 Datasheet HTML 2Page - Torex Semiconductor XCL210 Datasheet HTML 3Page - Torex Semiconductor XCL210 Datasheet HTML 4Page - Torex Semiconductor XCL210 Datasheet HTML 5Page - Torex Semiconductor XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1/24
XCL210Series
50mA/200mA Inductor Built-in Step-Down “micro DC/DC” Converters
ETR28009-001a
■
GENERAL DESCRIPTION
The XCL210 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC in one
tiny package (2.0mm×2.5mm, h=1.0mm). An internal coil simplifies the circuit and enables minimization of noise and other
operational trouble due to the circuit wiring. A wide operating voltage range of 2.0V to 6.0V enables support for applications
that require an internally fixed output voltage from 1.0V to 4.0V in increments of 0.05V.
During stand-by, all circuits are shutdown to reduce currentconsumption to as low as 0.1μA or less.
With the built-in UVLO (Under Voltage Lock Out) function, the internal P-channel MOS driver transistor is forced OFF when
input voltage becomes UVLO ditect Voltage or lower.
The XCL210 integrate CL discharge function which enables the electric charge at the output capacitor CL to be discharged via
the internal discharge switch located between the LX and VSS pins. When the devices enter stand-by mode, output voltage
quickly returns to the VSS level as a result of this function.
■
FEATURES
Input Voltage
:
2.0V~6.0V
Output Voltage
:
1.0V~4.0V (±2.0%, 0.05V step increments)
Control Methods
:
PFM control
Output Current
:
200mA(XCL210A/XCL210C)
50mA(XCL210B/XCL210D)
Supply Current
:
0.5μA
High Efficiency
:
93% (VIN=3.6V,VOUT=3.0V/100μA)
Function
:
UVLO
Short Circuit Protection
CL Discharge
Capacitor
:
Low ESR Ceramic Capacitor
Operating Ambient Temperature
:
-40℃~+85℃
Packages
:
CL-2025-02
Environmentally Friendly
:
EU RoHS Compliant, Pb Free
■
TYPICAL PERFORMANCE
CHARACTERISTICS
■
TYPICAL APPLICATION CIRCUIT
☆
GreenOperationCompatible
50mA
CIN
10μF
CL
22μF
7
8
1
2
3
4
5
6
GND
VIN
Lx
CE
VOUT
NC
VIN
■
APPLICATIONS
●
Wearable Devices
●
Smart meters
●
Bluetooth units
●
Energy Harvest devices
●
Back up power supply circuits
●
Portable game consoles
●
Devices with 1 Lithium cell
XCL210B301GR-G(VOUT=3.0V)


Similar Part No. - XCL210

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL211 TOREX-XCL211 Datasheet
626Kb / 16P
3.1mm횞4.7mm, h=1.3mm
XCL211B082DR TOREX-XCL211B082DR Datasheet
626Kb / 16P
3.1mm횞4.7mm, h=1.3mm
XCL212 TOREX-XCL212 Datasheet
626Kb / 16P
3.1mm횞4.7mm, h=1.3mm
XCL212B082DR TOREX-XCL212B082DR Datasheet
626Kb / 16P
3.1mm횞4.7mm, h=1.3mm
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
More results

Similar Description - XCL210

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL201 TOREX-XCL201 Datasheet
567Kb / 21P
Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com