Electronic Components Datasheet Search
  English  ▼

X  

XCL210 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor XCL210 Datasheet HTML 10Page - Torex Semiconductor XCL210 Datasheet HTML 11Page - Torex Semiconductor XCL210 Datasheet HTML 12Page - Torex Semiconductor XCL210 Datasheet HTML 13Page - Torex Semiconductor XCL210 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10/24
XCL210 Series
■
TEST CIRCUITS
< Circuit No.① >< Circuit No.② >
< Circuit No.③ >< Circuit No.④ >
< Circuit No.⑤ >
L1
L2
VIN
Lx
VOUT
CE
CIN
Wave Form Measure Point
RPulldown
L1
L2
GND
VIN
Lx
VOUT
CE
CIN
V
ILX
L1
L2
GND
VIN
Lx
VOUT
CE
CIN
A
ICEH
ICEL
L1
L2
GND
VIN
Lx
VOUT
CE
CIN
CL
A
V
L
Wave Form Measure Point
※
External Components
 
L:10μH(Selected goods)
 
CIN:10μF(Ceramic)
 
CL:22μF(Ceramic)
RL
GND
V
※
External Components
 
CIN:10μF(Ceramic)
 
RPULLDOWN:100Ω
L1
L2
GND
VIN
Lx
VOUT
CE
CIN
A
A
A
※
External Components
 
CIN:10μF(Ceramic)
※
External Components
 
CIN:10μF(Ceramic)
RPulldown
Wave Form Measure Point
※
External Components
 
CIN:10μF(Ceramic)
 
RPULLDOWN:100Ω
< Circuit No.⑥ >
L1
L2
GND
VIN
Lx
VOUT
CE
CIN
※
External Components
 
CIN:10μF(Ceramic)
 
CL:22μF(Ceramic)
A
V
A
RL
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com