Electronic Components Datasheet Search
  English  ▼

X  

XCL210 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XCL210 Datasheet HTML 2Page - Torex Semiconductor XCL210 Datasheet HTML 3Page - Torex Semiconductor XCL210 Datasheet HTML 4Page - Torex Semiconductor XCL210 Datasheet HTML 5Page - Torex Semiconductor XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor XCL210 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/24
XCL210 Series
■
ELECTRICAL CHARACTERISTICS (Continued)
●
XCL210Bxx1GR-G
, without CL discharge function
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Input Voltage
VIN
-
2.0
-
6.0
V
①
Output Voltage
VOUT(E) (*2)
Resistor connected with LX pin.Voltage which LX pin
changes “L” to “H” level while VOUT is decreasing.
E1
V
②
UVLO Release
Voltage
VUVLO(E)
VCE=VIN, VOUT=0V. Resistor connected with LX pin.
Voltage which LX pin changes “L” to “H” level while
VIN is increasing.
1.65
1.80
1.95
V
②
UVLO Hysteresis
Voltage
VHYS(E)
VCE=VIN, VOUT=0V. Resistor connected with LX pin.
VUVLO(E) - Voltage which LX pin changes “H” to “L”
level while VIN is decreasing.
0.11
0.15
0.24
V
②
Supply Current
Iq
VIN=VCE=VOUT(T)+0.5V (*1),VIN=2.0V, if VOUT(T)≦1.5V
(*1), VOUT=VOUT(T)+0.5V (*1), LX=Open.
E2
μA
③
Standby Current
ISTB
VIN=5.0V, VCE=VOUT=0V, LX=Open.
-
0.1
1.0
μA
③
LX SW “H” Leak
Current
ILEAKH
VIN=5.0V, VCE=VOUT=0V, VLX=0V.
-
0.1
1.0
μA
③
LX SW “L” Leak
Current
ILEAKL
VIN=5.0V, VCE=VOUT=0V, VLX=5.0V.
-
0.1
1.0
μA
③
PFM Switching
Current
IPFM
VIN=VCE=VOUT(T)+2.0V (*1), IOUT=10mA.
115
180
250
mA
①
Maximum
Duty Ratio (*3)
MAXDTY
VIN=VOUT=VOUT(T)×0.95V(*1), VCE=1.2V
Resistor connected with LX pin.
100
-
-
%
②
Efficiency (*4)
EFFI
VIN=VCE=5.0V,VOUT(T)=4.0V (*1), IOUT=30mA.
-
95
-
%
⑥
Efficiency (*4)
EFFI
VIN=VCE=3.6V, VOUT(T)=3.3V (*1), IOUT=30mA.
-
95
-
%
⑥
Efficiency (*4)
EFFI
VIN=VCE=3.6V, VOUT(T)=1.8V (*1), IOUT=30mA.
-
89
-
%
⑥
LX SW “Pch”
ON Resistance (*5)
RLXP
VIN=VCE=5.0V, VOUT=0V, ILX=100mA.
-
0.4
0.65
Ω
④
LX SW “Nch”
ON Resistance
RLXN
VIN=VCE=5.0V.
-
0.4 (*6)
-
Ω
-
Output Voltage
Temperature
Characteristics
∆VOUT/
(VOUT・∆Topr)
-40℃≦Topr≦85℃.
-
±100
-
ppm/℃
②
CE “High” Voltage
VCEH
VOUT=0V. Resistor connected with LX pin.
Voltage which LX pin changes “L” to “H” level while
VCE=0.2→1.5V.
1.2
-
6.0
V
⑤
CE “Low” Voltage
VCEL
VOUT=0V. Resistor connected with LX pin.
Voltage which LX pin changes “H” to “L” level while
VCE=1.5→0.2V.
GND
-
0.3
V
⑤
CE “High” Current
ICEH
VIN=VCE=5.0V, VOUT=0V, LX=Open.
-0.1
-
0.1
μA
⑤
CE “Low” Current
ICEL
VIN=5.0V, VCE=VOUT=0V, LX=Open.
-0.1
-
0.1
μA
⑤
Short Protection
Threshold Voltage
VSHORT
Resistor connected with LX pin.
Voltage which LX pin changes “H” to “L” level while
VOUT=VOUT(T)+0.1V→0V(*1).
0.4
0.5
0.6
V
②
Inductance Value
L
Test Frequency=1MHz
-
8.0
-
μH
(Coil) Rated Current
IDC_L
∆T=+40℃
-
600
-
mA
Unless otherwise stated, VIN=VCE=5.0V
(*1)
VOUT(T)=Nominal Output Voltage
(*2)
VOUT(E)=Effective Output Voltage
The actual output voltage value VOUT(E) is the PFM comparator threshold voltage in the IC.
Therefore, the DC/DC circuit output voltage, including the peripheral components, is boosted by the ripple voltage average value.
Please refer to the characteristic example.
(*3) Not applicable to the products with VOUT(T) < 2.15V since it is out of operational volatge range.
(*4)
EFFI=[{ (Output Voltage)×(Output Current)] / [(Input Voltage)×(Input Current)}]×100
(*5) LX SW “Pch” ON resistance = (VIN – VLX pin measurement voltage) / 100mA
(*6) Designed value
Ta=25˚C
Ta=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com