Electronic Components Datasheet Search
  English  ▼

X  

XCL210 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCL210
Description  50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL210 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCL210 Datasheet HTML 1Page - Torex Semiconductor XCL210 Datasheet HTML 2Page - Torex Semiconductor XCL210 Datasheet HTML 3Page - Torex Semiconductor XCL210 Datasheet HTML 4Page - Torex Semiconductor XCL210 Datasheet HTML 5Page - Torex Semiconductor XCL210 Datasheet HTML 6Page - Torex Semiconductor XCL210 Datasheet HTML 7Page - Torex Semiconductor XCL210 Datasheet HTML 8Page - Torex Semiconductor XCL210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/24
XCL210 Series
■
ABSOLUTE MAXIMUM RATINGS
Ta=25˚C
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
-0.3 ~ +7.0
V
LX Pin Voltage
VLX
-0.3 ~ VIN+0.3 or +7.0 (*1)
V
VOUT Pin Voltage
VOUT
-0.3 ~ VIN+0.3 or +7.0 (*1)
V
CE Pin Voltage
VCE
-0.3 ~ +7.0
V
LX Pin Current
ILX
1000
mA
Power Dissipation
Pd
1000(*2)
mW
Operating Ambient Temperature
Topr
-40 ~ +85
˚C
Storage Temperature
Tstg
-55 ~ +125
˚C
* All voltages are described based on the GND.
(*1) The maximum value is the lower of either VIN + 0.3 or +7.0.
(*2) The power dissipation figure shown is PCB mounted (40mm×40mm, t=1.6mm, Glass Epoxy FR-4).
Please refer to page 15 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com