Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 1 Page - Sipex Corporation

  SPX2950 Datasheet HTML 1Page - Sipex Corporation SPX2950 Datasheet HTML 2Page - Sipex Corporation SPX2950 Datasheet HTML 3Page - Sipex Corporation SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
SPX2950/SPX2951
DESCRIPTION
FEATURES
■ 5.0V and 3.3V at 150mA Output
■ Accurate: 0.5% for SPX2950A/SPX2951A
■ Very Low Quiescent Current
■ Low Dropout Voltage: 300mV at 150mA
■ Extremely Tight Load and Line Regulation
■ Very Low Temperature Coefficient
■ Current & Thermal Limiting
■ Need Only 1µF for Stability
■ Offered in TO-92 (SPX2950) and SOIC
(SPX2951)
■ Direct Replacement for LP2950/LP2951
SPX2951 versions only
■ Error Flag Warns of Output Dropout
■ Logic-Controlled Electronic Shutdown
■ Output Programmable From 1.24 to 30V
®
The SPX2950 and SPX2951 are low power voltage regulators. These devices are an excellent choice for
use in battery-powered applications such as cordless telephones, radio control systems, and portable
computers. The SPX2950 and SPX2951 feature low quiescent current and low dropout voltage (typ. 20mV
at 100µA and 300mV at 150mA). This includes a tight initial tolerance of (0.5% for SPX2950A/SPX2951A),
extremely good load and line regulation (0.05% typ.), and very low output temperature coefficient (20ppm/
°C typ.), making the SPX2950/SPX2951 useful as a low-power voltage reference.
The error flag output feature is used as a power-on reset for warning of a low output voltage, due to a falling
voltage. The logic compatible shutdown feature enables the regulator to be switched ON and OFF. The
SPX2950 is offered in a 3-pin TO-92 package compatible with other 5.0V, 3.3V regulators. The SPX2951
is availiable in an 8-lead SOIC package.
150mA Low Dropout Voltage Regulator
Block Diagram of SPX2951, 8 Lead 5V Version
INPUT
OUTPUT
UNREGULATED DC
SHUTDOWN
GROUND
ERROR
______
SENSE
TO CMOS OR
TTL
REFERENCE
ERROR DETECTION
COMPARATOR
ERROR
AMPLIFIER
1.23V
FROM
CMOS OR
TTL
+
+
+
+
+
+
60 mV
3
7
8
1
2
6
5
4
60kΩ
330kΩ
180kΩ
.
.
1µF
_
_
FEEDBACK
5V TAP
5V
APPLICATIONS
■ Battery Powered Systems
■ Cordless Telephones
■ Radio Control Systems
■ Portable/Palm Top/Notebook Computers
■ Portable Consumer Equipment
■ Portable Instrumentation
■ Avionics
■ SMPS Post-Regulator
■ Voltage Reference
■ Automotive Electronics


Similar Part No. - SPX2950

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
150mA Low Dropout Voltage Regulators
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-1.8 SIPEX-SPX29500T-1.8 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-2.5 SIPEX-SPX29500T-2.5 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29500T-3.3 SIPEX-SPX29500T-3.3 Datasheet
515Kb / 11P
5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
More results

Similar Description - SPX2950

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS112 ADMOS-AMS112 Datasheet
32Kb / 4P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2930 ADMOS-AMS2930 Datasheet
81Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
150mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2930 SIPEX-SPX2930 Datasheet
178Kb / 9P
150mA Low Dropout Voltage Regulator
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2930 ADMOS-AMS2930_08 Datasheet
78Kb / 9P
150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
MIC2951-03YMTR MICREL-MIC2951-03YMTR Datasheet
1Mb / 20P
150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com