Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX2950 Datasheet HTML 1Page - Sipex Corporation SPX2950 Datasheet HTML 2Page - Sipex Corporation SPX2950 Datasheet HTML 3Page - Sipex Corporation SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Error Comparator
Output Leakage Current
V0H=30V
0.01
1
0.01
1
µA
Output Low Voltage
VIN=VO-0.5V
150
250
150
250
mV
I0L=400µA
Upper Threshold Voltage
(Note 7)
40
60
40
60
mV
Lower Threshold Voltage
(Note 7)
75
95
75
95
mV
Hysteresis
(Note 7)
15
15
mV
Shutdown Input
Input Logic Voltage
Low (Regulator ON)
1.3
0.7
1.3
0.7
V
High (Regulator OFF)
2.0
2.0
V
Shutdown Pin Input Current VS=2.4V
30
50
30
50
µA
VS=30V
400
800
400
800
µA
Regulator Output Current (Note 8)
3
10
3
10
µA
in Shutdown
ELECTRICAL CHARACTERISTICS: Continued
Electrical characteristics at V
IN = VO+1V, IL=100µA, CL=1µF (note 2) TA=25°C, unless otherwise specified. Boldface applies over
the full operating temperature range.
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by
the total temperature range.
Note 2: Unless otherwise specified all limits are guaranteed for TJ = 25°C, VIN = VO +1V, IL = 100µA and CL = 1µF.
Additional conditions for the 8-pin versions are feedback tied to 5V tap and output tied to output sense (VOUT = 5V)
and VSHUTDOWN ≤ 0.8V.
Note 3: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes
in output voltage
due to heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for the SPX2951 is tested at IL = 1mA. See typical performance characteristics for line
regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below
its nominal value measured at 1V differential. At very low values of programmed output voltage, the minimum input
supply voltage of 2V ( 2.3V over temperature) must be taken into account.
Note 6: VREF≤VOUT≤(VIN -1V),2.3≤VIN≤30V, 100µA≤IL≤150mA, TJ≤TJMAX.
Note 7: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage change,
multiply by the error amplifier gain = VOUT/VREF= (R1 + R2)/R2. For example, at a programmed output voltage of 5V,
the error output is guaranteed to go low when the output drops by 95mV x 5V/1.235 = 384mV. Thresholds remain
constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal,
7.5% guaranteed.
Note 8: VSHUTDOWN ≥ 2V, VIN ≤ 30V, VOUT = 0, Feedback pin tied to 5V/ 3.3V tap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com