Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SPX2950 Datasheet HTML 3Page - Sipex Corporation SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation SPX2950 Datasheet HTML 10Page - Sipex Corporation SPX2950 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
Shutdown Threshold Voltage
1.8
1.6
1.0
-75
TEMPERATURE (ºC)
1.4
1.2
0.8
0.6
-50 -25
0
25
50
75 100 125 150
Thermal Response
4
2
1
0
TIME (µs)
0
-2
0
-1
10
20
30
40
50
5
1.25W
~
~
Output Noise
3.5
2.5
2.0
0.0
10
2
10
3
10
4
10
5
FREQUENCY (Hz), C BYP=0.1uF
3.0
1.5
1.0
0.5
C = 3.3µF
L
Ripple Rejection
80
60
40
10
10
1
10
3
10
4
10
6
FREQUENCY (Hz)
I
L = 50mA
I
L = 100mA
C
L = 1µF
V
IN = 6V
V
OUT = 5V
70
50
30
20
10
2
10
5
Line Regulation
30
25
20
10
5
INPUT VOLTAGE (V)
15
10
5
0
5
0
-5
-10
10
15
20
25
30
~
~
I
L = 100µA
I
L = 1mA
T
J = 150 ºC
T
J = 125 ºC
I
L = 100µA
C
= 0.1µF
BYP
C
L = 220µF
I
L = 100mA
C
L = 1µF
TYPICAL APPLICATIONS:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com