Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SPX2950 Datasheet HTML 2Page - Sipex Corporation SPX2950 Datasheet HTML 3Page - Sipex Corporation SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation SPX2950 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
TYPICAL PREFORMANCE CHARACTERISTICS: (Continued)
SPX2951 Feedback Bias Current
-30
-75
TEMPEATURE (ºC)
-50
0
50
75 100
150
-20
-10
0
10
20
-25
25
125
SPX2951 Feedback Pin Current
-150
-250
-2.0
-0.5
1.0
FEEDBACK VOLTAGE (V)
-200
-100
-50
0
50
-1.5
-1.0
00.5
T
A = 25ºC
T
A = 55ºC
TA=1 25ºC
PIN 7 DRIVEN BY EXTERNAL
SOURCE (REGULATOR RUN
OPEN LOOP)
SPX2951 Minimum Operating Voltage
TEMPERATURE
2.3
2.1
1.9
1.7
-75
0
75
150
-50 -25
25
50
100 125
Load Transient Response
250
100
-50
100
01
2
3
4
5
TIME (ms)
µA
~
~
mA
-100
0
50
150
200
C
L = 1µF
V
OUT = 5V
100
Load Transient Response
80
20
-40
100
04
8
12
16
20
TIME (ms)
µA
100
-60
-20
0
40
60
µA
C
L = 10µF
V
OUT = 5V
~
~
SPX2950 Maxium Rated Output
120
80
0
010
20
30
INPUT VOLTAGE (V)
25
15
5
T
A = 85 ºC
T
A=25 ºC
T
JMAX = 125 ºC
0.25" LEADS SOLDERED
TO-92 PACKAGE
TO PC BOARD
100
60
40
20
Vout=5V
SPX2950 Maxium Rated Output Current
120
100
60
40
0
INPUT VOLTAGE (V)
80
20
0
510
15
20
25
30
T
JMAX = 125º C
V
OUT
= 5V
T
A = 25ºC
T
A = 50ºC
T
A = 85ºC
8-PIN
MOLDED
TO PC BOARD
DIP SOLDERED
Enable Transient
7
6
4
-100
0 100 200 300 400 500 600 700
TIME (us)
3
2
1
0
2
-2
0
5
OUT = 5V
V
IN = 8V
I
L = 10mA
V
SPX2951 Divider Resistance
400
200
100
0
-75
0
75
150
TEMPERATURE (ºC)
-50 -25
25
50
100 125
300
C
L = 1µF
C
L = 10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com