Electronic Components Datasheet Search
  English  ▼

X  

SPX2950 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2950
Description  150mA Low Dropout Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2950 Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2950 Datasheet HTML 1Page - Sipex Corporation SPX2950 Datasheet HTML 2Page - Sipex Corporation SPX2950 Datasheet HTML 3Page - Sipex Corporation SPX2950 Datasheet HTML 4Page - Sipex Corporation SPX2950 Datasheet HTML 5Page - Sipex Corporation SPX2950 Datasheet HTML 6Page - Sipex Corporation SPX2950 Datasheet HTML 7Page - Sipex Corporation SPX2950 Datasheet HTML 8Page - Sipex Corporation SPX2950 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Rev. 3/6/03
SPX2950/SPX2951 150mA Low Dropout Voltage Regulator
©Copyright 2003 Sipex Corporation
TYPICAL PREFORMANCE CHARACTERISTICS: (Continued)
SPX2951 Comparator Sink Current
2.5
1.5
OUTPUT LOW VOLTAGE (V)
2.0
1.0
0.5
0.0
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8
0.9
T
A = -55ºC
T
A = 25ºC
T
A = 125ºC
Line Transient Response
TIME(
µs)
100
0
200
400
600
800
4V
6V
8V
-50
0
50
~
~
mV
mV
mV
C
L = 1µF
I
L = 1mA
V
OUT = 5V
Error Comparator Output
8
6
0
INPUT VOLTAGE (V)
4
2
0
-2
12
3
4
5
V
OUT = 5V
PULLUP RESISTOR TO
SEPARATE 5V SUPPLY
HYSTERESIS
Output Impedance
10
0.5
0.1
0.02
10
100
1K
10K
100K
1M
FREQUENCY (Hz)
5
0.2
0.05
0.01
1
2
I
O = 100mA
I
O = 100µA
I
O = 1mA
V
OUT = 5V
C
L = 1µF
Ripple Rejection
90
70
60
40
10 1
10 2
10 3
10 4
10 5
10 6
FREQUENCY (Hz)
80
50
20
30
I
L = 100µA
I
L = 0
C
L = 1µF
V
IN = 6V
V
OUT = 5V
Ripple Rejection
FREQUENCY (Hz)
10 6
10 3
10 2
10 1
90
80
70
60
50
20
40
30
10 4
10 5
I
L = 10mA
I
L = 1mA
C
L= 1µF
V
IN = 6V
V
OUT = 5V
Drop-Out Voltage
400
300
40
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
500
200
0
I
L = 150mA
I
L = 100µA
~
~
Drop-Out Voltage
T
J = 25ºC
OUTPUT CURRENT
100mA
10mA
1mA
100
µA
500
400
300
200
100
0
Short Circuit Current
240
220
200
180
-75 -50 -25
0
25
50
75 100 125 150
TEMPERATURE (ºC)
230
210
190
170
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com