Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASD Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5100ASD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 3 Page - Texas Instruments

  LM5100ASD Datasheet HTML 1Page - Texas Instruments LM5100ASD Datasheet HTML 2Page - Texas Instruments LM5100ASD Datasheet HTML 3Page - Texas Instruments LM5100ASD Datasheet HTML 4Page - Texas Instruments LM5100ASD Datasheet HTML 5Page - Texas Instruments LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Exposed Pad
Connect to VSS
HO
3
HS
4
VDD
1
HB
2
8
LO
7
VSS
6
LI
5
HI
SO
PowerPad-8
WSON-8
1
2
3
4
5
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
WSON-10
1
2
3
4
9
6
7
8
VDD
HB
HO
HS
HI
LI
VSS
LO
NC
5
10
NC
VDD
HB
HO
HS
LO
VSS
LI
HI
1
8
2
7
3
6
4
5
SOIC-8
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
5 Device Comparison Table
PART NUMBER
PACKAGE
BODY SIZE (NOM)
WSON (10)
4.00 mm × 4.00 mm
LM5100A, LM5100C
SO PowerPAD™ (8)
3.90 mm × 4.89 mm
SOIC (8)
3.91 mm × 4.90 mm
WSON (10)
4.00 mm × 4.00 mm
LM5100B, LM5101B
SOIC (8)
3.91 mm × 4.90 mm
WSON (8)
4.00 mm × 4.00 mm
WSON (10)
4 .00mm × 4.00 mm
LM5101A
SO PowerPAD (8)
3.90 mm × 4.89 mm
SOIC (8)
3.91 mm × 4.90 mm
MSOP PowerPAD (8)
3.00 mm × 3.00 mm
LM5101C
WSON (10)
4.00 mm × 4.00 mm
SOIC (8)
3.91 mm × 4.90 mm
6 Pin Configuration and Functions
D Package
DPR Package
8-Pin SOIC
10-Pin WSON With Exposed Thermal Pad
Top View
Top View
NGT Package
8-Pin WSON With Exposed Thermal Pad
DDA Package
Top View
8-Pin SO PowerPAD
Top View
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com