Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASD Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5100ASD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 4 Page - Texas Instruments

  LM5100ASD Datasheet HTML 1Page - Texas Instruments LM5100ASD Datasheet HTML 2Page - Texas Instruments LM5100ASD Datasheet HTML 3Page - Texas Instruments LM5100ASD Datasheet HTML 4Page - Texas Instruments LM5100ASD Datasheet HTML 5Page - Texas Instruments LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
VDD
HB
HO
HS
LO
VSS
LI
HI
MSOP-
PowerPad-8
1
2
3
4
5
6
7
8
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
DGN Package
8-Pin MSOP-PowerPAD
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
8 PINS
10 PINS(1)
High-side gate driver bootstrap supply. Connect the positive terminal of the bootstrap
HB
2
2
I
capacitor to HB and the negative terminal to HS. The bootstrap capacitor should be
placed as close to the IC as possible.
High-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds.
HI
5
7
I
The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to
ground and not left open.
High-side gate driver output. Connect to the gate of high-side MOSFET with a short,
HO
3
3
O
low inductance path.
High-side MOSFET source connection. Connect to the bootstrap capacitor negative
HS
4
4
—
terminal and the source of the high-side MOSFET.
Low-side driver control input. The LM5100A/B/C inputs have CMOS type thresholds.
LI
6
8
I
The LM5101A/B/C inputs have TTL type thresholds. Unused inputs should be tied to
ground and not left open.
Low-side gate driver output. Connect to the gate of the low-side MOSFET with a
LO
8
10
O
short, low inductance path.
Positive gate drive supply . Locally decouple to VSS using low ESR/ESL capacitor
VDD
1
1
I
located as close to the IC as possible.
VSS
7
9
—
Ground return. All signals are referenced to this ground.
TI recommends that the exposed pad on the bottom of the package is soldered to
EP(2)
—
ground plane on the PC board, and that ground plane should extend out from
beneath the IC to help dissipate heat.
(1)
For WSON-10 package, pins 5 and 6 have no connection.
(2)
Exposed pad is not available on the 8-pin SOIC package.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com