Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASD Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5100ASD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5100ASD Datasheet HTML 3Page - Texas Instruments LM5100ASD Datasheet HTML 4Page - Texas Instruments LM5100ASD Datasheet HTML 5Page - Texas Instruments LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments LM5100ASD Datasheet HTML 10Page - Texas Instruments LM5100ASD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
Electrical Characteristics (continued)
unless otherwise specified, limits are for TJ = 25°C, VDD = VHB = 12 V, VSS = VHS = 0 V, no load on LO or HO
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDER VOLTAGE PROTECTION
TJ = 25°C
6.9
VDDR
VDD rising threshold
V
TJ = –40°C to 125°C
6
7.4
VDDH
VDD threshold hysteresis
0.5
V
TJ = 25°C
6.6
VHBR
HB rising threshold
V
TJ = –40°C to 125°C
5.7
7.1
VHBH
HB threshold hysteresis
0.4
V
BOOT STRAP DIODE
TJ = 25°C
0.52
VDL
Low-current forward voltage
IVDD-HB = 100 µA
V
TJ = –40°C to 125°C
0.85
TJ = 25°C
0.8
VDH
High-current forward voltage
IVDD-HB = 100 mA
V
TJ = –40°C to 125°C
1
TJ = 25°C
1.0
Dynamic resistance
RD
IVDD-HB = 100 mA
Ω
LM5100A/B/C, LM5101A/B/C
TJ = –40°C to 125°C
1.65
LO AND HO GATE DRIVER
TJ = 25°C
0.12
Low-level output voltage
V
LM5100A/LM5101A
TJ = –40°C to 125°C
0.25
TJ = 25°C
0.16
Low-level output voltage
VOL
IHO = ILO = 100 mA
V
LM5100B/LM5101B
TJ = –40°C to 125°C
0.4
TJ = 25°C
0.28
Low-level output voltage
V
LM5100C/LM5101C
TJ = –40°C to 125°C
0.65
TJ = 25°C
0.24
High-level output voltage
V
LM5100A/LM5101A
TJ = –40°C to 125°C
0.45
IHO = ILO = 100 mA
TJ = 25°C
0.28
High-level output voltage
VOH
VOH = VDD– LO or
V
LM5100B/LM5101B
TJ = –40°C to 125°C
0.60
VOH = HB - HO
TJ = 25°C
0.6
High-level output voltage
V
LM5100C/LM5101C
TJ = –40°C to 125°C
1.10
Peak pullup current
3
A
LM5100A/LM5101A
Peak pullup current
IOHL
HO, LO = 0 V
TJ = 25°C
2
A
LM5100B/LM5101B
Peak pullup current
1
A
LM5100C/LM5101C
Peak pulldown current
3
A
LM5100A/LM5101A
Peak pulldown current
IOLL
HO, LO = 12 V
TJ = 25°C
2
A
LM5100B/LM5101B
Peak pulldown current
1
A
LM5100C/LM5101C
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com