Electronic Components Datasheet Search
  English  ▼

X  

LM5100ASD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5100ASD
Description  High-Voltage, High-Side and Low-Side Gate Drivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5100ASD Datasheet HTML 2Page - Texas Instruments LM5100ASD Datasheet HTML 3Page - Texas Instruments LM5100ASD Datasheet HTML 4Page - Texas Instruments LM5100ASD Datasheet HTML 5Page - Texas Instruments LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments LM5100ASD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
LM5100A, LM5100B, LM5100C
LM5101A, LM5101B, LM5101C
SNOSAW2Q – SEPTEMBER 2006 – REVISED NOVEMBER 2015
www.ti.com
7.4 Thermal Information
LM5100A,
LM5100x,
LM5100C,
LM5101C
LM5101A
LM5101x
LM5101A
THERMAL METRIC(1)
UNIT
MSOP-
SO PowerPAD
WSON(2)
WSON(2)
SOIC
PowerPAD(2)
8 PINS
8 PINS
8 PINS
10 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(3)
40
80
37.8
40
170
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
—
—
36.7
—
—
°C/W
RθJB
Junction-to-board thermal resistance
—
—
14.9
—
—
°C/W
ψJT
Junction-to-top characterization parameter
—
—
0.3
—
—
°C/W
ψJB
Junction-to-board characterization parameter
—
—
15.2
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
4.4
—
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
4-layer board with Cu finished thickness 1.5, 1, 1, 1.5 oz. Maximum die size used. 5× body length of Cu trace on PCB top.
50-mm × 50-mm ground and power planes embedded in PCB. See Application Note AN-1187 (SNOA401).
(3)
The RθJA is not a given constant for the package and depends on the printed circuit board design and the operating environment.
7.5
Electrical Characteristics
unless otherwise specified, limits are for TJ = 25°C, VDD = VHB = 12 V, VSS = VHS = 0 V, no load on LO or HO
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENTS
TJ = 25°C
0.1
VDD quiescent current,
LI = HI = 0 V
mA
LM5100A/B/C
TJ = –40°C to 125°C
0.2
IDD
TJ = 25°C
0.25
VDD quiescent current,
LI = HI = 0 V
mA
LM5101A/B/C
TJ = –40°C to 125°C
0.4
TJ = 25°C
2
IDDO
VDD operating current
f = 500 kHz
mA
TJ = –40°C to 125°C
3
TJ = 25°C
0.06
IHB
Total HB quiescent current
LI = HI = 0 V
mA
TJ = –40°C to 125°C
0.2
TJ = 25°C
1.6
IHBO
Total HB operating current
f = 500 kHz
mA
TJ = –40°C to 125°C
3
TJ = 25°C
0.1
IHBS
HB to VSS current, quiescent
HS = HB = 100 V
µA
TJ = –40°C to 125°C
10
IHBSO
HB to VSS current, operating
f = 500 kHz
0.4
mA
INPUT PINS
TJ = 25°C
5.4
Input voltage threshold
VIL
Rising Edge
V
LM5100A/B/C
TJ = –40°C to 125°C
4.5
6.3
TJ = 25°C
1.8
Input voltage threshold
VIL
Rising Edge
V
LM5101A/B/C
TJ = –40°C to 125°C
1.3
2.3
Input voltage hysteresis
VIHYS
500
mV
LM5100A/B/C
Input voltage hysteresis
VIHYS
50
mV
LM5101A/B/C
TJ = 25°C
200
RI
Input pulldown resistance
k
Ω
TJ = –40°C to 125°C
100
400
(1)
Minimum and maximum limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through
correlation using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com