Electronic Components Datasheet Search
  English  ▼

X  

NJW4841 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 2 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NJW4841
- 2 -
Ver.2015-02-27
ABSOLUTE MAXIMUM RATINGS
(Ta=25
C)
PARAMETER
SYMBOL
RATINGS
UNIT
REMARK
Supply Voltage
VDD
40
V
VDD-GND Pin
Input Voltage
VIN
0.3 to 6
V
IN-GND Pin
Power Dissipation
PD
720 (*1)
1100 (*2)
mW
–
Junction Temperature
Tj
40 to 150
C
–
Operating Temperature
Topr
40 to 85
C
–
Storage Temperature
Tstg
50 to 150
C
–
(*1): Mounted on glass epoxy board. (76.2×114.3×1.6mm: based on EIA/JDEC standard, 2Layers)
(*2): Mounted on glass epoxy board. (76.2×114.3×1.6mm: based on EIA/JDEC standard, 4Layers),
internal Cu area: 74.2×74.2mm
 RECOMMENDED OPERATING CONDITIONS
(Ta=25
C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
REMARK
Operating Voltage
VDD
4.0
–
20
V
VDD-GND Pin
Input Voltage
VIN
0
–
5.5
V
IN-GND Pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com