Electronic Components Datasheet Search
  English  ▼

X  

NJW4841 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 5 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJW4841
- 5 -
Ver.2015-02-27
 CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Operating Voltage:V
DD [V]
Quiescent Current1 vs.Operating Voltage
V
IN=5V
Ta=25
C
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [
C]
Quiescent Current1 vs.Ambient Temperature
VDD=16V
VDD=4V
VIN=5V
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
Operating Voltage:V
DD [V]
Quiescent Current2 vs.Operating Voltage
V
IN=0V
Ta=25
C
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Quiescent Current2 vs.Ambient Temperature
VDD=16V
VDD=4V
VIN=0V
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Output Peak Current
vs.Ambient Temperature
Output Peak Current: Ipk1(High-Side)
Output Peak Current: Ipk2(Low-Side)
VDD=16V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com