Electronic Components Datasheet Search
  English  ▼

X  

NJW4841 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 6 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NJW4841
- 6 -
Ver.2015-02-27
 CHARACTERISTICS
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Output ON Resistance(High-Side)
vs.Ambient Temperature
VDD=16V
VDD=4V
Iout=100mA
VIN=5V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Output ON Resistance(Low-Side)
vs.Ambient Temperature
VDD=16V
VDD=4V
Iout=100mA
V
IN=0V
0
0.5
1
1.5
2
2.5
3
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
IN Pin High/LowVoltage
vs.Ambient Temperature
IN Pin High Voltage
IN Pin Low Voltage
V
DD=16V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
UVLO Release/Operating Voltage
vs.Ambient Temperature
UVLO Release Voltage
UVLO Operating Voltage
V
IN=5V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Output Rise/Fall Time
vs.Ambient Temperature
Output Rise Time
Output Fall Time
VIN=0 to 5V
VDD=16V
C
L=2200pF
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
Ambient Temperature:Ta [ºC]
Rise/Fall Delay Time
vs.Ambient Temperature
Rise Delay Time
Fall Delay Time
V
IN=0 to 5V
VDD=16V
CL=2200pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com