Electronic Components Datasheet Search
  English  ▼

X  

NJW4841 Datasheet(PDF) 3 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 3 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJW4841
- 3 -
Ver.2015-02-27
ELECTRICAL CHARACTERISTICS
(Unless otherwise noted, VDD=16V, Ta=25C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
General
Quiescent Current
IQ1
VIN=5V
–
1.5
2.5
mA
IQ2
VIN=0V
–
1.3
2.3
mA
Output Block
Output Peak Current
IPK1
Pulse Width
10s, V
OUT=0V
–
2
–
A
IPK2
Pulse Width
10s, V
OUT=16V
–
2
–
A
Output ON Resistance
(High-Side / Low-Side)
RDSH
IO-SOURCE=100mA
–
2.1
3.9
RDSL
IO-SINK=100mA
–
1.5
2.8
Output Pull Down Resistance
ROUTPD
60
100
140
k
Input Circuit Block
IN Pin High Voltage
VIHIN
2.0
–
5.5
V
IN Pin Low Voltage
VILIN
0
–
0.8
V
Input Pull Down Resistance
RINPD
60
100
140
k
UVLO Block
UVLO Release Voltage
VUVLO2
2.8
3.3
3.8
V
UVLO Operating Voltage
VUVLO1
2.5
3.0
3.5
V
UVLO Hysteresis Voltage
ΔV
UVLO
VUVLO2  VUVLO1
–
0.3
–
V
Output Rise/Fall characteristics
Output Rise Time
tr
CL=2200pF, VIN=0 to 5V
–
25
–
ns
Output Fall Time
tf
CL=2200pF, VIN=5 to 0V
–
20
–
ns
Rise Delay Time
td_ON
CL=2200pF, VIN=0 to 5V
–
40
–
ns
Fall Delay Time
td_OFF
CL=2200pF, VIN=5 to 0V
–
45
–
ns



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com