Electronic Components Datasheet Search
  English  ▼

X  

NJW4841 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW4841
Description  1-channel Switching Gate Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW4841 Datasheet(HTML) 1 Page - New Japan Radio

  NJW4841 Datasheet HTML 1Page - New Japan Radio NJW4841 Datasheet HTML 2Page - New Japan Radio NJW4841 Datasheet HTML 3Page - New Japan Radio NJW4841 Datasheet HTML 4Page - New Japan Radio NJW4841 Datasheet HTML 5Page - New Japan Radio NJW4841 Datasheet HTML 6Page - New Japan Radio NJW4841 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NJW4841
- 1 -
Ver.2015-02-27
1-channel Switching Gate Driver
GENERALDESCRIPTION
PACKAGE OUTLINE
The NJW4841 is a High Speed Switching Gate Driver that is applicable
2A peak current.
The NJW4841 features are Withstand voltage of 40V, recommended
operating voltage range: 4V to 20V and Fast switching time
The NJW4841 is suitable for DC / AC Motor Drive, Switching Power
Supply and DC / DC Converter Applications.
FEATURES
 Output Peak Current:
2A (peak)
 Operating Voltage Range:
4V to 20V
 High Speed Switching:
tr/tf=25ns/20ns(typ.) at CL=2200pF
 Corresponding with Logic Voltage Operation: 3V/5V
 Built-in Thermal Shut Down
 Under Voltage Lockout
Package:
MSOP8 (VSP8)*
* MEET JEDEC MO-187-DA
 PIN CONFIGURATION
BLOCK DIAGRAM
Control
Logic
UVLO
TSD
OUT
VDD
IN
GND
NJW4841R
(MSOP8 (VSP8))*
1. GND
5. GND
2. GND
6. GND
3. GND
7. OUT
4. IN
8. VDD
1
8
2
7
3
6
4
5


Similar Part No. - NJW4841

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW4841 NISSHINBO-NJW4841 Datasheet
213Kb / 8P
1-channel Switching Gate Driver
Ver.2018-10-31
NJW4841R NISSHINBO-NJW4841R Datasheet
213Kb / 8P
1-channel Switching Gate Driver
Ver.2018-10-31
More results

Similar Description - NJW4841

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
N-Channel MOSFET Gate Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
New Japan Radio
NJW4840 NJRC-NJW4840 Datasheet
127Kb / 7P
High Speed Switching Gate Driver
logo
Linear Technology
LTC4441 LINER-LTC4441_15 Datasheet
203Kb / 16P
N-Channel MOSFET Gate Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Texas Instruments
UCC21520 TI1-UCC21520 Datasheet
1Mb / 45P
Isolated Dual-Channel Gate Driver
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117 Datasheet
640Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev 1
logo
STMicroelectronics
PM8841 STMICROELECTRONICS-PM8841 Datasheet
449Kb / 13P
1 A low-side gate driver
October 2014 Rev 1
logo
Diodes Incorporated
DGD2117 DIODES-DGD2117_V01 Datasheet
602Kb / 11P
SINGLE CHANNEL GATE DRIVER
Rev. 3 - 2 November 2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com