Electronic Components Datasheet Search
  English  ▼

X  

PI6C49019 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C49019 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Low Power Networking Clock Generator
Selection Table 1 – 33M/67M Spread Spectrum
SS1
SS0
SSC
0
0
No spread
0
1
Down -0.5%
1
0
Down -0.75%
1
1
Down -1.00%
Selection Table 2 – 125 MHz / 25 MHz Frequency Selection Table
SEL
Output
0
REF
1
125 MHz
Notes: VDD and GND Pins Layout Guide
1. Small value decoupling caps. (0.1uF, 1uF, and 2.2uF) should be placed close each VDD pin or its via
2. Connect all GND pins to package thermal pad which must be connected to the GND plane for better thermal distribution and signal conducting with reason-
able via count (>8)
13-0103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com