Electronic Components Datasheet Search
  English  ▼

X  

PI6C49019 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C49019 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Low Power Networking Clock Generator
Pin List
Pin#
Pin Name
Pin Type
Pin Description
16
VDD
Power
3.3V Supply Pin
17
VDD
Power
3.3V Supply Pin
18
GND
Power
Ground
19
19M
Output
19.2 MHz LVCMOS output. Tri-state with weak pull-
down when disabled
20
VDD
Power
3.3V Supply Pin
21
GND
Power
Ground
22
NC
-
-
23
NC
-
-
24
PD_RESET
Input
Global reset input powers down PLLs plus tri-states
outputs and sets the I2C tables to their default state
when pulled low. Controlled by external POR.
25
X1
XI
Crystal input. Connect to 25 MHz fundamental mode
crystal or clock
26
X2
XO
Crystal output. Connect to 25 MHz fundamental
mode crystal. Float for clock input
27
VDD
Power
3.3V Supply Pin
28
NC
-
-
29
NC
-
-
30
NC
-
-
31
VDDO2
Power
125 MHz output supply voltage. Connect to +2.5 V
32
125M/REF
Output
125 MHz or 25 MHz reference +2.5 V LVCMOS out-
put. Tri-stated with a weak pull-down when disabled
33
25M
Output
25 MHz +2.5 LVCMOS output. Tri-stated with a weak
pull-down when disabled
34
GND
Power
Ground
35
VDD
Power
3.3V Supply Pin
36
GND
Power
Ground
37
VDD
Power
3.3V Supply Pin
38
GND
Power
Ground
39
48M
Output
48 MHz LVCMOS output. Tri-state with weak pull-
down when disabled
40
VDD
Power
3.3V Supply Pin
41
GND
Power
Ground
42
VDD
Power
3.3V Supply Pin
43
PCIE0N
Output
Differential 100 MHz HCSL PCI Express Clock output
44
PCIE0
Output
Differential 100 MHz HCSL PCI Express Clock output
45
PCIE1
Output
Differential 100 MHz HCSL PCI Express Clock output
46
PCIE1N
Output
Differential 100 MHz HCSL PCI Express Clock output
47
VDD
Power
3.3V Supply Pin
48
GND
Power
Ground
13-0103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com