Electronic Components Datasheet Search
  English  ▼

X  

PI6C49019 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C49019 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Low Power Networking Clock Generator
Maximum Supply Voltage, V
DD.............................................................. 7V
All Inputs and Outputs ................................................ –0.5V to V
DD +0.5V
Ambient Operating Temperature....................................... –40°C to +85°C
Storage Temperature........................................................ –65°C to +150°C
Junction Temperature ........................................................................125°C
Peak Soldering Temperature..............................................................260°C
ESD Protection (HBM).................................................................... 2000V
Note:
Stressesabovetheratingslistedbelowcancausepermanent
damage to the PI6C49019. These ratings, which
are standard values for Pericom commercially rated parts,
are stress ratings only. Functional operation of the device at
these or any other conditions above those indicated in the
operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical
parameters are guaranteed only over the recommended
operating temperature range.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics
Unless otherwise specified, V
DD=3.3V±10%, VDDO2=2.5V,Ambient Temperature –40°C to +85°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Operating Supply Voltage
V
DD
3.0
3.3
3.6
V
Output Supply Voltage
V
DDO2
2.25
2.5
3.6
Input High Voltage
V
IH
X1/SCLK, SDATA, PD_RESET
2
V
DD
Input Low Voltage
V
IL
X1/SCLK, SDATA, PD_RESET
–0.3
0.8
Operating Supply Current
I
DD
No load, all supply pins, PD_RESET = 1
90
100
mA
IDD at Output Disable
Condition
PD_RESET = 0
6
Short Circuit Current
I
OS
Single-ended clocks
±35
Internal Pull-Up/Pull-
Down Resistor
R
PU/RPD
PD_RESET
240
kΩ
All single-ended clocks
110
Input Capacitance
C
IN
All input pins
6
pF
Recommended Operation Conditions
Parameters
Min.
Typ.
Max.
Units
Ambient Operating Temperatur
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
3.3
+3.6
V
Output Supply Voltage, V
DDO2
+2.25
+3.6
V
Minimum Pulse Width of PD_RESET Input
100
ns
13-0103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com