Electronic Components Datasheet Search
  English  ▼

X  

PI6C49019 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C49019 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Block Diagram
Description
The new PI6C49019 is a high integration clock generator
intended for all kinds of embedded applications and networking
application with PCIe interface. The device is the most cost
effective way to generate multi-frequencies and multi-outputs
clocks from a 25MHz crystal and reference clock. The device can
generate four pairs low power 100MHz HCSL outputs for PCIe,
one single-ended 25MHz and 125 MHz output, one single-ended
48MHz and 19.2 MHz output, and one single-ended 33.33 MHz
or 67.33MHz output with spread spectrum.
Using a serially programmable SMBus interface, the PI6C49019
incorporates spread spectrum modulation on the four 100 MHz
PCI-Express outputs with -0.5% down spread and the 33.33
MHz/67.33 MHz output with down spread.
Low Power Networking Clock Generator
Features
Î
Î
3.3V supply voltage
Î
Î
25MHz XTAL or reference clock input
Î
Î
Output
• 4x100MHz HCSL PCIe clock outputs with integrated
series termination resistors, spread spectrum capability
on all 100MHz PCIe clock outputs with -0.5% down
spread.
• 1x single-ended 33.33MHz or 67.33MHz output with
spread spectrum capability
• 1x single-ended 125MHz output for Gigabit Ethernet
• 1x single-ended 25MHz
• 1x single-ended 48MHz
• 1x single-ended 19.2MHz
Î
Î
Packaging (Pb free and Green) : 48-pin TSSOP (A)
Î
Î
Industrial temperature support
Clock Buffer/
Crystal
Oscillator
PLL Clock
Synthesis, Dividers,
Buffers and
Configuration Logic
X1/ICLK
X2
SCLK
SDATA
25 MHz
crystal or
clock input
GND
External caps required
with crystal for accurate
tuning of the clock
100 MHz PCIE0
125 MHz/REF
VDD
PD_RESET
100 MHz PCIE1
100 MHz PCIE2
100 MHz PCIE3
VDDO2
48 MHz
19.2 MHz
25 MHz
33.33 MHz/67.33 MHz
13-0103


Similar Part No. - PI6C49019

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49014LIE PERICOM-PI6C49014LIE Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49015 PERICOM-PI6C49015 Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49015LIE PERICOM-PI6C49015LIE Datasheet
958Kb / 10P
Embedded Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
More results

Similar Description - PI6C49019

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
PI6C49016 PERICOM-PI6C49016 Datasheet
1Mb / 16P
Low Power Networking Clock Generator
PI6C49018 PERICOM-PI6C49018 Datasheet
987Kb / 13P
Low Power Networking Clock Generator
PI6LC48L0201A PERICOM-PI6LC48L0201A Datasheet
925Kb / 10P
2-Output LVDS Networking Clock Generator
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P04 PERICOM-PI6LC48P04 Datasheet
1Mb / 10P
4-Output LVPECL Networking Clock Generator
PI6LC48P0201 PERICOM-PI6LC48P0201 Datasheet
988Kb / 10P
2-Output LVPECL Networking Clock Generator
PI6LC48P0201A PERICOM-PI6LC48P0201A Datasheet
962Kb / 10P
2-Output LVPECL Networking Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com