Electronic Components Datasheet Search
  English  ▼

X  

PI6C49019 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C49019
Description  Low Power Networking Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C49019 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C49019 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C49019 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.pericom.com
PI6C49019
Rev. B
06/25/13
PI6C49019
Low Power Networking Clock Generator
Pin Description
Pin#
Pin Name
Pin Type
Pin Description
1
VDD
Power
3.3V Supply Pin
2
Cdd
Input
Input pin for off chip bypass capacitor. Connect to 0.01
μF capacitor
3
PCIE2N
Output
Differential 100 MHz HCSL PCI Express Clock output
4
PCIE2
Output
Differential 100 MHz HCSL PCI Express Clock output
5
VDD
Power
3.3V Supply Pin
6
GND
Power
Ground
7
VDD
Power
3.3V Supply Pin
8
PCIE3N
Output
Differential 100 MHz HCSL PCI Express Clock output
9
PCIE3
Output
Differential 100 MHz HCSL PCI Express Clock output
10
GND
Power
Ground
11
VDD
Power
3.3V Supply Pin
12
SCLK
Input
SMBus clock input
13
SDATA
I/O
SMBus data input
14
GND
Power
Ground
15
33M/67M
Output
33.33 MHz or 67.33 MHz LVCMOS output. Tri-stated
with a weak pull-down when disabled.
Pin List
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
VDD
Cdd
PCIE0N
PCIE0
GND
GND
VDD
SCLK
SDATA
GND
VDD
VDD
VDD
33M/67M
GND
GND
PD_RESET
25M
125M/REF
PCIE1N
PCIE2
PCIE2N
VDD
PCIE3N
PCIE3
GND
VDDO2
NC
VDD
X2
X1
PCIE1
NC
NC
GND
VDD
GND
GND
VDD
48M
VDD
VDD
GND
VDD
19M
VDD
NC
NC
13-0103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com