Electronic Components Datasheet Search
  English  ▼

X  

PI6CDBL401B Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI6CDBL401B
Description  4-Output Low Power PCIE GEN1-2-3 Buffer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6CDBL401B Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

Back Button PI6CDBL401B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6CDBL401B Datasheet HTML 10Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
www.pericom.com
PI6CDBL401B
Rev.C
03/23/16
All trademarks are property of their respective owners.
PI6CDBL401B
4-Output Low Power PCIE GEN1-2-3 Buffer
Symbol Parameters
Condition
Min.
Type Max.
Units
V
IH
Input High Voltage1
Single-ended inputs, except SMBus, SADR_tri
0.65 V
DD
V
DD +0.3
V
V
IM
Input Mid Voltage1
SADR_tri
0.4 V
DD
0.6 V
DD
V
V
IL
Input Low Voltage1
Single-ended inputs, except SMBus, SADR_tri
-0.3
0.35 V
DD
V
V
H
Hysteresis Voltage1
V
T+ - VT-
0.05 V
DD
0.2 V
DD
V
V
OH
Output High Voltage1
Single-ended outputs, except SMBus. I
OH =
-2mA
V
DD
-0.45
V
V
OL
Outputt Low Voltage1
Single-ended outputs, except SMBus. I
OL =
-2mA
0.45
V
I
IN
Input Current1
Single-ended inputs, V
IN = GND, VIN = VDD
(exclude XTAL_IN pin)
-5
5
uA
I
INP
Single-ended inputs
V
IN = 0 V; Inputs with internal pull-up resistors
V
IN = VDD; Inputs with internal pull-down
resistors
-200
200
uA
fin
Input Frequency1
XTAL, or XTAL_IN
23
25
26
MHz
Lpin
Pin Inductance1
7
nH
C
IN
Capacitance1
Control Inputs
1.5
5
pF
Cout
Output pin capacitance
6
pF
t
STAB
Clock output Stabiliza-
tion1,2
From V
DD Power-Up and after input clock
stabilization or de-assertion of CKPWRGD_
PD# to 1st clock
0.6
1
ms
f
MODIN
Input SS Modulation
Frequency1
Allowable Frequency
(Triangular Modulation)
30
31.500 33
kHz
t
LATOE#
OE# Latency1,3
CLK start after OE# assertion
CLK stop after OE# deassertion
1
3
clocks
t
DRVPD
Tdrive_PD#1,3
CLK output enable after
CKPWRGD_PD# de-assertion
300
us
t
F
Fall time1,2
Control inputs
5
ns
t
R
Rise time1,2
Control inputs
5
ns
V
ILSMB
SMBus Input Low Volt-
age1
0.8
V
V
IHSMB
SMBus Input High Volt-
age1
2.1
3.6
V
Electrical Characteristics–Input/Supply/Common Parameters–Normal Operating
Conditions Cont...
16-0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com